Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBH16S-60-3AO Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PBH16S-60-3AO
Description  16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PBH16S-60-3AO Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PBH16S-60-3AO Datasheet HTML 1Page - PowerDynamics, Inc PBH16S-60-3AO Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT RATING (A):
= 16
= 20
TERMINAL:
= Q
= S
= W
PBH
OPTIONS:
= 00
= 60
= 80
= 90
QUICK CONNECT
SOLDER
WIRE
-
-
NO BLEEDER RESISTOR & NO GROUND CHOKE
BLEEDER RESISTOR (1W, 1M)
BLEEDER RESISTOR (1W, 1M) & GROUND CHOKE
GROUND CHOKE (100µH)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
PBH Series Example & Ordering Code
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
20 Q
60
1
C
8.0
3.0-3.6L
6.6
2.0-3.0L
CASE CODE:
= F
= U
= O
FLANGE MOUNT
SNAP-IN TABS - SIDE
REAR PANEL MOUNT
U

Contact PDI for attenuation numbers
ATTENUATION CODE TABLE:
Case Code
Cap. Cx (µF)
16/20A (mH)
F,O,U
0.1
0.5
F,O,U
0.33
0.5
Medical applications, select Attenuation code with corresponding component values from the table.
Non-Medical applications, select Attenuation code with corresponding component values from the table.
Case Code
Cap. Cx (µF)
Cap. Cy (pF)
20A (mH)
F,O,U
0.1
2200
0.5
F,O,U
0.1
3300
0.5
F,O,U
0.33
2200
0.5
= A
= B
= C
= M1
= M2
Attenuation Comm. Mode(L-G) in MHz
Diff. Mode(L-L) in MHz
Code
.15 .5
1
5
10 30
.15 .5 1
5 10 30
A
17 22 26 43 51 43
8 18 24 45 43 35
B
17 23 28 47 57 45
8 18 23 51 54 34
C
17 22 26 43 51 43
18 28 33 46 53 35
Attenuation Comm. Mode(L-G) in MHz
Diff. Mode(L-L) in MHz
Code
.15 .5
1
5
10 30
.15 .5 1
5 10 30
M1
16 21 22 24 25 20
8 18 25 42 43 30
M2
16 20 22 24 25 20
17 28 33 41 40 31
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
Medical Applications
Non-Medical ApplicationsO
"
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
SCHEMATICS
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
Lg
R
Cy
Cy
CX
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
Lg
R
G'
G
L mH
L mH
L
N
L
L'
N'
Lg
R
CX
2M
1M
14
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PBH16S-60-3AO

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH14005 MACOM-PBH14005 Datasheet
238Kb / 3P
   Miniature Power PCB Relay
PBH14005 MACOM-PBH14005 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
PBH14005 MACOM-PBH14005_05 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
PBH14006 MACOM-PBH14006 Datasheet
238Kb / 3P
   Miniature Power PCB Relay
PBH14006 MACOM-PBH14006 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
More results

Similar Description - PBH16S-60-3AO

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
42R07-3X2X-XXX POWERDYNAMICS-42R07-3X2X-XXX Datasheet
41Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
42R06-3X1X-XXX POWERDYNAMICS-42R06-3X1X-XXX Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
42R06-1X1X POWERDYNAMICS-42R06-1X1X Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com