Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK01PS-00-2M2 Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PK01PS-00-2M2
Description  CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PK01PS-00-2M2 Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PK01PS-00-2M2 Datasheet HTML 1Page - PowerDynamics, Inc PK01PS-00-2M2 Datasheet HTML 2Page - PowerDynamics, Inc PK01PS-00-2M2 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PK Series Attenuation Tables
Medical Applications
Non-Medical Applications
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
39 29 42 48 49 38
2 18 30 62 61 22
28 36 40 46 49 40
1 9 17 58 60 17
20 28 32 44 50 43
1 8 14 49 66 32
21 30 35 48 51 49
1 8 14 42 53 26
18 23 28 45 51 45
1 8 14 45 61 30
11 17 21 37 43 37
1 8 14 33 59 27
40 32 45 52 55 38
10 29 41 71 56 23
28 37 46 50 54 42
8 19 27 67 58 16
20 25 30 50 57 45
8 19 26 65 64 35
22 31 38 52 56 51
8 18 24 49 53 27
18 25 30 49 57 47
8 18 24 53 53 30
11 18 24 40 52 38
8 18 24 44 49 30
42 60 55 49 48 57
3 21 34 65 64 13
26 30 47 48 49 42
1 12 23 66 63 23
24 29 34 47 50 47
1 10 20 64 63 24
14 17 20 37 46 40
1 8 16 57 63 28
15 18 22 37 45 40
1 8 15 57 60 29
19 25 28 44 50 43
1 8 15 61 60 30
15 18 22 37 45 40
1 8 15 55 62 28
15 20 23 38 46 39
1 8 14 52 51 28
43 64 56 53 54 47
12 32 45 74 60 11
26 31 45 51 52 42
7 21 33 81 61 22
24 30 59 51 56 48
8 20 31 73 59 23
14 18 23 42 51 39
8 18 26 56 56 29
15 20 25 41 52 40
8 18 25 59 54 29
19 26 31 49 56 44
8 18 25 64 60 30
15 20 25 42 52 40
8 18 25 60 53 28
15 21 26 43 51 39
8 18 24 55 54 27
47 54 44 38 39 42
3 21 34 55 60 26
36 48 49 44 44 44
3 21 33 59 59 33
36 39 47 41 41 31
2 19 31 55 59 33
29 32 57 49 50 45
1 13 25 68 64 18
24 28 34 47 50 45
1 10 20 62 64 24
14 17 20 37 45 41
1 8 16 60 61 30
18 23 26 42 48 42
1 8 15 60 57 26
17 23 26 41 46 42
1 8 14 70 54 28
11 17 21 36 42 38
2 8 14 41 49 27
47 50 44 41 44 43
12 32 44 59 55 26
36 66 50 48 52 46
11 31 44 66 54 32
36 56 49 47 51 36
10 29 42 63 52 34
29 33 48 54 55 48
8 24 36 80 61 18
24 30 59 51 56 49
8 20 31 74 62 25
14 17 20 35 45 37
8 19 27 55 55 29
19 24 30 45 54 41
8 18 25 65 57 27
17 24 29 45 53 42
8 18 24 57 56 29
11 18 24 38 51 36
8 18 24 52 49 28
15 19 22 40 49 42
1 9 18 62 61 29
19 23 27 42 48 43
1 8 15 65 57 27
11 17 22 35 42 38
2 8 14 35 55 28
16 20 31 43 53 43
8 19 29 63 57 29
19 24 30 45 53 44
8 18 25 60 58 28
11 18 24 40 50 36
8 18 24 53 51 28
26 30 54 46 48 52
1 11 21 63 60 14
26 30 47 48 50 47
5 19 30 71 57 20
21 26 33 43 46 45
1 7 16 58 59 20
26 31 45 50 52 50
5 21 32 77 55 14
23 28 42 48 50 47
5 19 30 71 57 20
21 27 56 48 52 45
5 18 27 69 56 21
Attenuation
Code
A
B
C
D
E
F
G
H
I
J
Attenuation
Code
M0
M1
M2
M3
M4
M5
M6
M7
M8
M9
Current
Rating
Current
Rating
1A
2A
3A
5A
6A
10A
1A
2A
3A
5A
6A
10A
1A
2A
3A
5A
6A
10A
15A
20A
1A
2A
3A
5A
6A
10A
15A
20A
1A
2A
3A
5A
6A
10A
15A
20A
30A
1A
2A
3A
5A
6A
10A
15A
20A
30A
10A
20A
30A
10A
20A
30A
10A
20A
30A
10A
20A
30A
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
1A
38 42 41 38 23 21
4 22 33 51 42 33
2A
25 28 34 36 31 27
2 11 20 39 40 26
3A
21 26 27 28 26 27
2 10 18 61 48 28
5A
19 23 24 25 23 27
8 19 27 53 45 27
6A
18 22 23 25 23 19
2 9 16 44 47 28
10A
11 17 18 18 17 13
2 9 15 35 42 27
1A
37 41 41 38 23 22
12 31 42 50 41 33
2A
28 34 36 36 31 28
8 20 29 44 43 26
3A
21 26 27 28 26 27
8 19 28 50 47 27
5A
19 24 27 39 46 39
8 19 27 53 45 27
6A
18 23 26 39 47 33
2 9 16 44 47 28
10A
11 17 18 18 17 13
8 18 24 58 40 27
1A
44 50 46 22 28 23
4 23 35 58 48 11
2A
27 34 36 28 23 21
2 10 18 44 44 15
3A
25 30 31 27 27 20
2 11 20 44 42 23
5A
14 17 18 21 21 23
2 10 18 44 42 26
6A
15 18 19 21 20 25
2 9 17 48 40 27
10A
18 22 24 25 23 19
2 9 16 50 43 26
15A
16 20 21 24 24 21
2 9 16 46 44 31
20A
16 19 20 22 20 17
8 19 26 42 38 27
1A
44 50 46 23 28 23
12 32 45 63 49 11
2A
27 34 36 28 23 21
8 20 29 62 49 14
3A
25 30 31 27 27 20
8 20 29 44 42 26
5A
14 17 18 21 21 23
8 19 27 42 40 26
6A
15 18 19 21 20 25
8 19 28 46 40 27
10A
18 22 24 25 23 19
8 19 26 49 43 27
15A
16 20 21 24 24 21
8 19 26 44 40 32
20A
16 19 20 22 20 17
8 19 26 42 38 27
1A
47 46 40 20 19 17
4 22 32 43 33 20
2A
37 41 40 18 25 23
4 22 33 51 40 30
3A
39 47 44 27 36 9
2 18 29 48 43 30
5A
30 34 36 31 18 19
2 14 24 44 43 17
6A
25 29 30 30 25 20
2 11 22 53 50 23
10A
14 17 18 21 20 24
2 9 18 45 43 27
15A
19 23 24 25 23 28
2 9 17 58 43 27
20A
16 20 21 24 24 20
2 9 16 54 41 32
30A
12 19 22 22 20 15
2 9 15 30 34 28
1A
47 46 40 20 19 17
12 30 40 43 33 19
2A
37 41 40 18 25 23
11 31 43 54 41 30
3A
39 47 44 27 36 9
10 27 38 49 42 30
5A
30 34 36 31 18 19
8 23 33 44 42 17
6A
25 29 30 30 25 20
8 21 32 58 49 24
10A
14 17 18 21 20 24
8 19 27 43 40 26
15A
19 23 24 25 23 28
8 19 27 50 44 26
20A
16 20 21 24 24 20
8 19 26 45 41 33
30A
12 19 22 22 20 15
8 18 24 40 40 27
10A
22 27 28 29 26 23
2 10 18 52 44 24
20A
19 23 24 25 23 26
2 9 17 49 44 25
30A
12 19 22 22 20 15
2 9 15 31 36 27
10A
22 27 28 29 26 23
8 19 29 54 49 25
20A
19 23 24 25 23 26
8 19 27 49 43 24
30A
12 19 22 22 20 15
8 18 24 40 40 27
10A
30 34 36 31 24 15
2 14 25 43 42 13
20A
27 31 32 31 25 18
2 13 24 52 49 21
30A
25 29 30 30 25 19
2 11 21 54 50 22
10A
30 34 36 31 24 15
9 23 33 42 40 15
20A
27 31 32 31 25 18
8 23 34 60 51 23
30A
25 29 30 30 25 19
8 21 32 58 50 22
"
This table applies to schematic 1M only. Visit our website or contact PDI for attenuation numbers.
OThis table applies to schematic 1 only. Visit our website or contact PDI for attenuation numbers.
O
"
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
38
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PK01PS-00-2M2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PK007-015 VISHAY-PK007-015 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
PK007-015 VISHAY-PK007-015 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
logo
Teledyne Technologies I...
PK007-018 TELEDYNE-PK007-018 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series DEVICE UNDER TEST
PK007-024 TELEDYNE-PK007-024 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series
logo
ECM Electronics Limited...
PK0406 ECM-PK0406 Datasheet
150Kb / 7P
   Radial Leaded Inductors
More results

Similar Description - PK01PS-00-2M2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com