Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64-06 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAP64-06
Description  General Purpose Pin Diodes 250mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAP64-06 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAP64-06_12 Datasheet HTML 1Page - Micro Commercial Components BAP64-06_12 Datasheet HTML 2Page - Micro Commercial Components BAP64-06_12 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
12/11/13
2 of 3
Typical Characteristics


Similar Part No. - BAP64-06_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64-06 PHILIPS-BAP64-06_15 Datasheet
143Kb / 9P
   Silicon PIN diode
Rev. 4-28 April 2015
logo
Quanzhou Jinmei Electro...
BAP64-06 JMNIC-BAP64-06_15 Datasheet
63Kb / 8P
   Silicon PIN diode
logo
Micro Commercial Compon...
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
More results

Similar Description - BAP64-06_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05_16 Datasheet
305Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-05 MCC-BAP64-05 Datasheet
479Kb / 3P
   General Purpose Pin Diodes 250mW
BAP64-04 MCC-BAP64-04 Datasheet
497Kb / 3P
   General Purpose Pin Diodes 250mW
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
   GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com