Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4454 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4454
Description  400mW 75 Volt Silicon Epitaxial Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4454 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4454_12 Datasheet HTML 1Page - Micro Commercial Components 1N4454_12 Datasheet HTML 2Page - Micro Commercial Components 1N4454_12 Datasheet HTML 3Page - Micro Commercial Components 1N4454_12 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
  versus
°

 

 

 

 



!
" #$%&
'%() *+, 

°
 

-



'

.+ ++versus
)/ / 
*  versus
*  / / 

0+ #++
-
'



1-
1'
12
1
1
1-
1
1
1-
1'
1
1
1-
1'


 °
/ 
!
.+ ++
1
1

1-

 
-
-
 
1
1
1'




/ 
'

-

1-

-



3 °

1N4454
MCC
Revision: B
2012/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 1N4454_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com