Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4448
Description  500mW 100Volt Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4448 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4448_12 Datasheet HTML 1Page - Micro Commercial Components 1N4448_12 Datasheet HTML 2Page - Micro Commercial Components 1N4448_12 Datasheet HTML 3Page - Micro Commercial Components 1N4448_12 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4448
500mW 100Volt
Switching Diode
DO-35
Features
Low Current Leakage
Metalurgically Bonded Construction
Low Cost
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 35
°C/W Junction To Ambient
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Average Rectified
Current
IO
150mA
Resistive Load
f >= 50Hz
Power Dissipation
PTOT
500mW
Junction
Temperature
TJ
150
°C
Peak Forward Surge
Current
IFSM
500mA
t<1s
Instantaneous
Forward Voltage
VF
1.0V(MAX)
IFM = 100mA;
0.62-0.72V
IFM = 5.0mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
50
µA
VR=20Volts
TJ = 25
°C
TJ = 150
°C
Typical Junction
Capacitance
CJ
4pF
Measured at
1.0MHz, VR=4.0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 6V
RL=100
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
5uA
VR=75Volts
 omponents
20736 Marilla
Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2012/01/01
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I.


Similar Part No. - 1N4448_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_12 Datasheet
104Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 17-Aug-10
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
More results

Similar Description - 1N4448_12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
   500mw 100volt switching diode
logo
Micro Commercial Compon...
DL4448 MCC-DL4448_11 Datasheet
223Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
   500mW 100Volt Switching Diode
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
   500mw 100volt silicon switching diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
   350mW 100Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com