Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9000 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9000
Description  High Speed 6-Bit A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9000 Datasheet(HTML) 3 Page - Analog Devices

  AD9000 Datasheet HTML 1Page - Analog Devices AD9000 Datasheet HTML 2Page - Analog Devices AD9000 Datasheet HTML 3Page - Analog Devices AD9000 Datasheet HTML 4Page - Analog Devices AD9000 Datasheet HTML 5Page - Analog Devices AD9000 Datasheet HTML 6Page - Analog Devices AD9000 Datasheet HTML 7Page - Analog Devices AD9000 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Commercial
Military
0 C to +70 C
–55 C to +125 C
AD9000JD
AD9000SD/SE
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Units
AC LINEARITY
11
Dynamic Linearity
12
+25
°C
0.5
0.5
LSB
In-Band Harmonics
(DC to l MHz)
+25
°C
44
44
dBc
(l MHz to 5 MHz)
+25
°C
42
42
dBc
(5 MHz to 8 MHz)
+25
°C
38
38
dBc
Signal-to-Noise Ratio
13
+25
°C
3133
3133
dB
Signal-to-Noise Ratio
14
+25
°C
4042
4042
dB
Two Tone Intermodulation Rejection
15
+25
°C
46
46
dBc
Noise Power Ratio (NPR)
16
+25
°C
30
30
dBc
DIGITAL OUTPUTS
5
Logic “l” Voltage
Full
–1.1
–1.1
V
Logic “0” Voltage
Full
–1 .5
–1.5
V
POWER SUPPLY17
Positive Supply Current (+5.0 V)
+25
°C60
70
60
70
mA
Full
75
75
mA
Negative Supply Current (–5.2 V)
+25
°C68
80
68
80
mA
Full
85
85
mA
Nominal Power Dissipation
+25
°C
675
675
mW
Reference Ladder Dissipation
+25
°C20
20
mW
AD9000
–3–
REV. A
(Continued)
NOTES
1 A
IN = +VREF.
2 Determined by 3 dB reduction in reconstructed output at 75 MSPS.
3 Under normal operating conditions, the analog input voltages should not
exceed nominal
±2 V operating range, nor the supply voltages (+V
S and –VS),
whichever is smaller.
4 Under normal operating conditions the differential reference voltage may
range from
±0.5 V to ±2 V; +V
REF ≥ –VREF.
5 Output terminated with 100
Ω resistors to –2.0 V.
6 Measured from the leading edge of ENCODE to data out on Bit 1 (MSB).
7 Measured from the trailing edge of ENCODE to data out on Bit 1 (MSB).
8 For full-scale step input, 6-bit accuracy is attained in specified time.
9 Recovers to 6-bit accuracy in specified time, after 150% full-scale input
overvoltage.
10 Measured on Bit 1 (MSB) only.
11 Measured at 50 MSPS encode rate.
12 Analog input frequency = 15 MHz.
13 RMS signal to RMS noise, with 540 kHz analog input signal.
14 Peak-to-peak signal to rms noise, with 540 kHz analog input signal.
15 f
1 = 9.3 MHz, f2 = 7.6 MHz; Encode = 42 MHz.
16 DC to 8.2 MHz noise bandwidth with 3.886 MHz slot.
17 Supply voltage should remain stable within
± 5% for normal operation.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . 0.3 V to +6 V
Negative Supply Voltage . . . . . . . . . . . . . . . . . 6.0 V to +0.3 V
Analog-to-Digital Ground Voltage Differential . . . . . . . . . 0.5
Analog Input Voltages (AIN, +VREF, –VREF)
2
. . . . . . . . . . +3 V
Differential Reference Voltage (+VREF to –VREF)
3
. . . . . . . 6 V
ENCODE Input Voltage . . . . . . . . . . . . . . . . . . . . – VS to 0 V
HYSTERESIS Control Voltage . . . . . . . . . . . . 0 V to + 3.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation (+25
°C Free Air)4 . . . . . . . . . . . . 745 mW
Operating Temperature Range
AD9000JD . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD9000SD/SE . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and
beyond which serviceability of the circuit may be impaired. Functional oper-
ability under any of these conditions is not necessarily implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
2Under normal operating conditions, the analog input voltages should not
exceed nominal +2 V operating range, nor the supply voltages (+VS and –VS),
whichever is smaller.
3Under normal operating conditions the differential reference voltage may range
from
± 0.5 V to ±2 V; +V
REF
≥ –V
REF.
4Typical thermal impedances . . .
16-Pin Ceramic
θ
JA = 67
°C/W; θ
JC = 7
°C/W
28-Pin LCC
θ
JA = 62
°C/W; θ
JC = 14
°C/W


Similar Part No. - AD9000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
More results

Similar Description - AD9000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com