Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE243 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJE243
Description  4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE243 Datasheet(HTML) 1 Page - Motorola, Inc

  MJE243 Datasheet HTML 1Page - Motorola, Inc MJE243 Datasheet HTML 2Page - Motorola, Inc MJE243 Datasheet HTML 3Page - Motorola, Inc MJE243 Datasheet HTML 4Page - Motorola, Inc MJE243 Datasheet HTML 5Page - Motorola, Inc MJE243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Power
Plastic Transistors
. . . designed for low power audio amplifier and low–current, high–speed switching
applications.
• High Collector–Emitter Sustaining Voltage —
VCEO(sus) = 100 Vdc (Min) — MJE243, MJE253
• High DC Current Gain @ IC = 200 mAdc
hFE = 40–200
hFE = 40–120 — MJE243, MJE253
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
• High Current Gain Bandwidth Product —
fT = 40 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakages
ICBO = 100 nAdc (Max) @ Rated VCB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Emitter–Base Voltage
VEB
7.0
Vdc
Collector Current — Continuous
Peak
IC
4.0
8.0
Adc
Base Current
IB
10
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
15
0.12
Watts
W/ac
Total Power Dissipation @ TA = 25_C
Derate @ 25
_C
PD
1.5
0.012
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
8.34
_C/W
Thermal Resistance, Junction to Ambient
θJA
83.4
_C/W
16
20
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
12
1.6
0
1.2
8.0
0.8
4.0
0.4
80
140
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE243/D
© Motorola, Inc. 1995
MJE243
MJE253
4 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
100 VOLTS
15 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
CASE 77–08
TO–225AA
REV 7


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn