Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD872ASD Datasheet(PDF) 10 Page - Analog Devices

Part # AD872ASD
Description  Complete 12-Bit 10 MSPS Monolithic A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD872ASD Datasheet(HTML) 10 Page - Analog Devices

Back Button AD872ASD Datasheet HTML 6Page - Analog Devices AD872ASD Datasheet HTML 7Page - Analog Devices AD872ASD Datasheet HTML 8Page - Analog Devices AD872ASD Datasheet HTML 9Page - Analog Devices AD872ASD Datasheet HTML 10Page - Analog Devices AD872ASD Datasheet HTML 11Page - Analog Devices AD872ASD Datasheet HTML 12Page - Analog Devices AD872ASD Datasheet HTML 13Page - Analog Devices AD872ASD Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
–10–
AD872A
Figure 12 shows the common-mode rejection performance vs.
frequency for a 1 V p-p common-mode input. This excellent
common-mode rejection over a wide bandwidth affords the user
the opportunity to eliminate many potential sources of input
noise as common mode by using the differential input structure
of the AD872A.
INPUT FREQUENCY – Hz
–20
–30
–40
–50
–60
–70
–80
–90
–100
105
106
107
108
Figure 12. Common-Mode Rejection vs. Input Frequency,
1 V p-p Input
Figures 13 and 14 illustrate typical input connections for single-
ended inputs.
1
AD872A
VINA
VINB
2
1V
Figure 13. AD872A Single-Ended Input Connection
AD872A
VINA
VINB
1V
RT
2
1
Figure 14. AD872A Single-Ended Input Connection Using
a Shielded Cable
The cable shield is used as a ground connection for the VINB in-
put, providing the best possible rejection of the cable noise from
the input signal. Note also that the high input impedance of the
AD872A allows the user to select the termination impedance, be
it 50 ohms, or some other value. Furthermore, unlike many
flash converters, most AD872A applications will not require an
external buffer amplifier. If such an amplifier is required, we
suggest either the AD811 or AD9617.
Figure 15 illustrates how external amplifiers may be used to
convert a single-ended input into a differential signal. The resis-
tor values of 536
Ω and 562 Ω were selected to provide opti-
mum phase matching between U1 and U2.
VIN
( 0.5V)
U2
AD872A
562
562
536
536
VINA
VINB
U1
Figure 15. Single-Ended to Differential Connections; U1,
U2 = AD811 or AD9617
The use of the differential input signal can help to minimize
even-order distortion from the input THA where performance
beyond –70 dB is desired.
Figure 16 shows the AD872A large signal (–0.5 dB) and small
signal (–20 dB) frequency response.
INPUT FREQUENCY – Hz
10
0
–10
–20
–30
–40
–50
104
105
106
107
108
Figure 16. Full Power (–0.5 dB) and Small Signal
Response (–20 dB) vs. Input Frequency
The AD872A’s wide input bandwidth facilitates rapid acquisi-
tion of transient input signals: the input THA can typically settle
to 12-bit accuracy from a full-scale input step in less than 40 ns.
Figure 17 illustrates the typical acquisition of a full-scale input
step.
4500
4000
3500
3000
2500
2000
1500
1000
500
0
0
10
20
30
40
50
60
70
80
nsec
Figure 17. Typical AD872A Settling Time


Similar Part No. - AD872ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD872ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com