Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEA01Q-50-1MM1 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PEA01Q-50-1MM1
Description  CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEA01Q-50-1MM1 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PEA01Q-50-1MM1 Datasheet HTML 1Page - PowerDynamics, Inc PEA01Q-50-1MM1 Datasheet HTML 2Page - PowerDynamics, Inc PEA01Q-50-1MM1 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEA Series Example & Ordering Code
COMPONENT LOCATIONS:
- 1C
SCHEMATIC
MEDICAL
SCHEMATIC
ATTENUATION CODE TABLE:
1M
= 1
= 1M
STANDARD TYPE
WITHOUT C(Y); C(X) ONLY
1
Medical applications: Select the Attenuation Code with corresponding component values and case code.
Non-Medical applications: Select the Attenuation Code with corresponding component values and case code.
Case
Cx1,2
Cy
Inductance Per Current Rating (mH)
Code
(µF)
(pF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A2
0.22
3300
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A2
0.1
3300
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A3
0.22
3300
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
3300
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.22
3300
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
3300
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.22
3300
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
0.1
3300
*
*
*
*
*
4.0
3.0
2.0
0.5
CURRENT RATING (A):
= 01
= 02
= 03
= 05
= 06
= 10
= 15
= 20
= 30
OPTIONS:
= 00
= 50
NO BLEEDER RESISTOR
BLEEDER RESISTOR (1W, 2.2M)
PEA 01 Q - 50
C1
G
L mH
L mH
L
N
L
L'
N'
C2
R
L mH
L mH
L
C
L'
N'
Cy
Cy
2
C1
G
L
N
R
Case
Cx1,2
Inductance Per Current Rating (mH)
Code
(µF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A2
0.22
10.0
2.5
2.0
1.2
0.8
1.2
0.9
0.5
*
A2
0.1
10.0
2.5
1.2
1.0
0.8
1.2
0.9
0.5
*
A3
0.22
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.22
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.22
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
0.1
*
*
*
*
*
4.0
3.0
2.0
0.5
* Contact PDI
Q or PS option only
TERMINAL:
= Q
= PS
= W
QUICK CONNECT
SCREW
WIRE
6.3/0.25
UL 1015, 18AWG
STRANDED, 4”
2.0 -3.6L
8.6
15.7
M4-19.5
= A
= B
= C
= D
= E
= F
= G
= H
= M0
= M1
= M2
= M3
= M4
= M5
= M6
= M7
34
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEA01Q-50-1MM1

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0505ZLF PEAK-PEA1-0505ZLF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0509ELF PEAK-PEA1-0509ELF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0509ZLF PEAK-PEA1-0509ZLF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0512ELF PEAK-PEA1-0512ELF Datasheet
149Kb / 3P
   Single and Dual Output
More results

Similar Description - PEA01Q-50-1MM1

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com