Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNX310056E4108 Datasheet(PDF) 1 Page - Visual Communications Company

Part No. CNX310056E4108
Description  CNX 310 XXX CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CNX310056E4108 Datasheet(HTML) 1 Page - Visual Communications Company

  CNX310056E4108 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
OPTOELECTRONICS
CMC 313
NO RESISTOR
018 =
180 OHMS
120 OHMS
CMC 323
012 =
CMC 321
CMC 285
LENS
(ORDER SEPERATELY)
5MM LED
(ORDER SEPERATELY)
CMS 322
033 =
TERMINATION *
X =
2200 OHMS
220 =
24 AWG
4 =
WIRE SIZE *
E =
STRIPPED END
1200 OHMS
120 =
SPC 060
LED & SPACER
RED - BLACK
2 =
WHITE - BLACK
1 =
WIRE COLOR *
330 OHMS
056 =
560 OHMS
SINGLE ROW LOCKING HEADER
G =
SINGLE ROW PLAIN HEADER
RESISTOR *
000 =
WIRE LENGTH *
04 =
4 INCHES (101.6mm)
06 =
6 INCHES (152.4mm)
08 =
8 INCHES (203.2mm)
12 =
12 INCHES (304.8mm)
18 =
18 INCHES (457.2mm)
24 =
24 INCHES (609.6mm)
08
7
CABLE ORDERING CODE EXAMPLE:
CNX 310 056 E 4 1
* CALL FACTORY FOR
ADDITIONAL OPTIONS
PIN B = ANODE (+) WHITE LEAD
W2
W1
PIN A = CATHODE (-) BLACK LEAD
1
2
XX.XX
.480
12.19mm
REV
2/22/11
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
001
0.25)
TITLE:
8.
U.S AND FOREIGN PATENT ISSUED
PERMISSION OF VISUAL
ANY REPRODUCTION IN PART OR AS
ALSO CAN BE ORDERED CNX 310 XXX FOR CONNECTOR AND RESISTOR ONLY
6.
FOR STANDARD DRY APPLICATIONS USE CMC 285, CMC 313, CMC 321 OR CMC 323; FOR WET OR DRY
COMPANY, INC IS PROHIBITED.
DRAWN
CHECKED
REVISED PER ECR 111009AZ01
B
SCALE: 2:1
DWG. NO.
REVISIONS
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
COMMUNICATIONS
INITIALS
0.25)
.010 (5.59mm
.010 (8.89mm
FOR CMC 313, CMC 321, CMC 323, AND CMS 322 - .220"
1
CNX 310 XXX
7.
A WHOLE WITHOUT THE WRITTEN
APPLICATIONS USE CMS 322 (MEETS NEMA4/ IP56)
THE INFORMATION CONTAINED
CABLE ASSEMBLY
IN THIS DRAWING IS THE SOLE
PROPERTY OF VISUAL
PROPRIETARY AND CONFIDENTIAL
COMMUNICATIONS COMPANY, INC.
SEE NOTES
SEE NOTES
2/22/11
APPROVAL
AZ
001
K.Howard
2/22/11
CNX 310 XXX ASSY
NOTES:
1.
ROHS COMPLIANT
2.
MATERIAL:
PANEL CONNECTOR - POLYPROPYLENE, UL RATING 94-HB
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
LENS - POLYCARBONATE - UL RATING 94-V2
MOISTURE SEAL - EPDM
RING - THERMOPLASTIC
TERMINALS - PHOSPHER BRONZE, TIN PLATE
WIRE - 24 AWG 1007/1569
3.
MOUNTING: HOLE SIZE.281" (7.2mm) OPENING ON 3/8" CENTERS (9.52mm)
4.
PANEL THICKNESS: .030" (0.76mm) MIN TO .125" (3.18mm) MAX
FOR PANEL THICKNESS .030" (0.76mm) TO .045" (1.14mm) USE TWO (2) SPC 060 SPACERS
FOR PANEL THICKNESS .050" (1.27mm) TO .100" (2.54mm) USE ONE (1) SPC 060 SPACER
FOR PANEL THICKNESS .105" (2.67mm) TO .125" (3.18mm) NO SPACER REQUIRED
5.
LED LEAD LENGTH:
FOR CMC 285 - .350"
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
KH


Similar Part No. - CNX310056E4108

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNX3000 ETC-CNX3000 Datasheet
2Mb / 7P
   Fluke CNX3000 Series Test Tools
Fairchild Semiconductor
Fairchild Semiconductor
CNX35 FAIRCHILD-CNX35 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
Fairchild Semiconductor
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX36 FAIRCHILD-CNX36 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNX310056E4108

ManufacturerPart No.DatasheetDescription
Visual Communications Company
Visual Communications C...
CNX460E024112 VCC-CNX460E024112 Datasheet
39Kb / 1P
   CNX 460 CABLE ASSEMBLY
CNX410RTP VCC-CNX410RTP Datasheet
1Mb / 1P
   CNX 410 CABLE ASSEMBLY
CNX4401 VCC-CNX4401 Datasheet
37Kb / 1P
   CABLE ASSEMBLY, CNX 440
CNX440E024112 VCC-CNX440E024112 Datasheet
37Kb / 1P
   ASSEMBLY, CNX 440 CABLE
Marl International Limited
Marl International Limi...
CNXC MARL-CNXC Datasheet
29Kb / 1P
   CNX C CABLE ASSY
CNXC MARL-CNXC_15 Datasheet
29Kb / 1P
   CNX C CABLE ASSY
LEDTRONICS, INC
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
   CL200-XXX-120D
MicroPower Direct, LLC
MicroPower Direct, LLC
LDB24 MPD-LDB24 Datasheet
325Kb / 2P
   LDB24-XXX
LDM24 MPD-LDM24 Datasheet
607Kb / 4P
   LDM24-xx-xxx
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
   LDM12-xx-xxx
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz