Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3P10PS-2-G2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PE3P10PS-2-G2
Description  3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P10PS-2-G2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PE3P10PS-2-G2 Datasheet HTML 1Page - PowerDynamics, Inc PE3P10PS-2-G2 Datasheet HTML 2Page - PowerDynamics, Inc PE3P10PS-2-G2 Datasheet HTML 3Page - PowerDynamics, Inc PE3P10PS-2-G2 Datasheet HTML 4Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
MECHANICAL DIMENSIONS
(Unit: mm)
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P Series
FEATURES
The PE3P series filters offer good noise attenuation in both
forward and reverse directions for common mode and
differential mode. These filters are designed with high
reliability for industrial equipment. This series of filters offer
up to 100A at 250VAC/500VAC with suppression from
100KHz to 50MHz.
APPLICATIONS
Heavy Industry equipment, Measuring & control equipment,
Power supplies, other electronic/electrical equipment.
PDI can custom design any single or multi-stage, 3 phase
filter to meet your requirements.
G2, G3, G4
I
J
F
G
A
B
C
N
E
O
P
M
L
D
K
(H)
C6
180
45
45
219.7
2x
7.0x10
M5 TYP.
160
2x 5
(259.4)
240
200
40
80
49
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
See Dimensional table on page # 52


Similar Part No. - PE3P10PS-2-G2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-100PS-3-C5 POWERDYNAMICS-PE3P4W-100PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-10PS-1-G2A POWERDYNAMICS-PE3P4W-10PS-1-G2A Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-150PS-3-C5 POWERDYNAMICS-PE3P4W-150PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W-200PS-3-C5 POWERDYNAMICS-PE3P4W-200PS-3-C5 Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results

Similar Description - PE3P10PS-2-G2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
   3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com