Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD14AN06L_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD14AN06L_F085
Description  N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD14AN06L_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD14AN06L_F085_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
110
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10ms
1ms
DC
100
µs
10
µs
1
10
100
0.001
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
25
50
75
100
2.0
2.5
3.0
3.5
4.0
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
25
50
75
100
0
0.5
1.0
1.5
2.0
VGS = 5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 3V
9
10
11
12
13
0
1020304050
ID, DRAIN CURRENT (A)
VGS = 5V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 5V, ID = 50A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
©2010 Fairchild Semiconductor Corporation
FDD14AN06LA0_F085 Rev. C


Similar Part No. - FDD14AN06L_F085_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD14AN06LA0 FAIRCHILD-FDD14AN06LA0 Datasheet
227Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm
logo
Inchange Semiconductor ...
FDD14AN06LA0 ISC-FDD14AN06LA0 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
More results

Similar Description - FDD14AN06L_F085_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD10AN06_F085 FAIRCHILD-FDD10AN06_F085_12 Datasheet
390Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP150N10A FAIRCHILD-FDP150N10A Datasheet
321Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 50A, 15m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com