Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8574AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8574AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8574AR Datasheet(HTML) 5 Page - Analog Devices

  AD8574AR Datasheet HTML 1Page - Analog Devices AD8574AR Datasheet HTML 2Page - Analog Devices AD8574AR Datasheet HTML 3Page - Analog Devices AD8574AR Datasheet HTML 4Page - Analog Devices AD8574AR Datasheet HTML 5Page - Analog Devices AD8574AR Datasheet HTML 6Page - Analog Devices AD8574AR Datasheet HTML 7Page - Analog Devices AD8574AR Datasheet HTML 8Page - Analog Devices AD8574AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AD8571/AD8572/AD8574
–5–
REV. 0
OFFSET VOLTAGE –
V
180
0
2.5
0.5
120
100
60
20
2.5
VS = 2.7V
VCM = 1.35V
TA = 25 C
40
80
140
160
1.5
0.5
1.5
Figure 1. Input Offset Voltage
Distribution at 2.7 V
OFFSET VOLTAGE –
V
180
0
120
100
60
20
VS = 5V
VCM = 2.5V
TA = 25 C
40
80
140
160
2.5
0.5
2.5
1.5
0.5
1.5
Figure 4. Input Offset Voltage
Distribution at 5 V
LOAD CURRENT – mA
10
0.1
0.001
0.1
110
1
100
10k
SOURCE
SINK
VS = 2.7V
TA = 25 C
100
1k
0.0001
0.01
Figure 7. Output Voltage to Supply
Rail vs. Output Current at 2.7 V
INPUT COMMON-MODE VOLTAGE – V
50
30
01
5
23
4
40
30
20
10
20
10
0
VS = 5V
TA = 40 C, +25 C, +85 C
40 C
+25 C
+85 C
Figure 2. Input Bias Current vs.
Common-Mode Voltage
INPUT OFFSET DRIFT – nV/ C
12
0
01
6
23
4
5
10
8
4
2
6
VS = 5V
VCM = 2.5V
TA = 40 C TO +125 C
Figure 5. Input Offset Voltage Drift
Distribution at 5 V
TEMPERATURE – C
1,000
0
75
50
125
25
0
25
50
75 100
750
500
250
150
VCM = 2.5V
VS = 5V
Figure 8. Bias Current vs. Temperature
COMMON-MODE VOLTAGE – V
1,500
2,000
01
5
23
4
1,000
500
0
1,000
1,500
500
VS = 5V
TA = 125 C
Figure 3. Input Bias Current vs.
Common-Mode Voltage
LOAD CURRENT – mA
10
0.1
0.001
0.1
110
1
100
10k
SOURCE
SINK
VS = 5V
TA = 25 C
100
1k
0.0001
0.01
Figure 6. Output Voltage to Supply
Rail vs. Output Current at 5 V
TEMPERATURE – C
1.0
0.8
0
75
50
125
25
0
25
50
75 100
0.6
0.4
0.2
150
5V
2.7V
Figure 9. Supply Current vs.
Temperature
Typical Performance Characteristics–


Similar Part No. - AD8574AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8574AR AD-AD8574AR Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574AR AD-AD8574AR Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574AR AD-AD8574AR Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8574AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com