Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB14AN06L_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB14AN06L_F085
Description  N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB14AN06L_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB14AN06L_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDB14AN06L_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10ms
1ms
DC
100µs
10µs
1
10
100
0.001
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R ≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
25
50
75
100
125
150
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
VGS = 5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 3V
9
10
11
12
13
0
20
40
60
80
ID, DRAIN CURRENT (A)
VGS = 5V
VGS = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 5V, ID = 60A
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
©2010 Fairchild Semiconductor Corporation
FDB14AN06LA0_F085 Rev. C


Similar Part No. - FDB14AN06L_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB14AN06LA0 FAIRCHILD-FDB14AN06LA0 Datasheet
250Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
logo
Inchange Semiconductor ...
FDB14AN06LA0 ISC-FDB14AN06LA0 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB14AN06L_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
   60A, 60V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
   60A 60V N CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com