Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PASP01W-60-2M2 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PASP01W-60-2M2
Description  RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PASP01W-60-2M2 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PASP01W-60-2M2 Datasheet HTML 1Page - PowerDynamics, Inc PASP01W-60-2M2 Datasheet HTML 2Page - PowerDynamics, Inc PASP01W-60-2M2 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PASP Series Example & Ordering Code
CURRENT RATING (A):
= 01
= 02
= 03
= 06
= 08
= 10
= 15*
TERMINAL:
= Q
= S
= W
OPTIONS:
= 00
= 50**
= 60
QUICK CONNECT
SOLDER
WIRE
NO BLEEDER RESISTOR & GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 4
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(X) & C(Y)
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
8.0
3.0-3.6L
6.6
2.0-3.0L

Contact PDI for attenuation numbers

Contact PDI for availability
*15A for UL, cUL; 10A for CE, VDE
** N/A for 15A
Cx
Cy
Inductance Per Current Rating (mH)
(µF)
(pF)
1A
2A
3A
6A
8A
10A
15A
0.1
2200
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
3300
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3300
3.7
2.7
1.8
0.8
1.05
0.3
0.2
0.1
1000
10.5
4.2
2.5
1.05

0.3
0.2
0.047
3300
4.6
3.4
2.5
0.9

0.3
0.2
0.033
3300
9.5
4.3
1.8
0.85

0.3
0.2
0.047
2200
10.5
4.0
1.2
0.53

0.3
0.2
0.033
2200
5.0
3.7
1.8
0.6

0.2
0.2
without Cx
without Cy
10.5
6.5
2.5
1.05

0.3
0.2
0.22
2200
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.22
3300
6.5
4.0
2.5
0.8
1.05
0.3
0.2
Cx
Inductance Per Current Rating (mH)
(µF)
1A
2A
3A
6A
8A
10A
15A
0.1
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3.7
2.7
1.8

0.3

0.047
4.6
3.4
2.5
0.9

0.3
0.2
0.033
9.5
4.3
1.8
0.85

0.3
0.2
0.22
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.047
10.5
4
1.2
0.53

*

0.033
5
3.7

0.6

0.2

Medical applications, select Attenuation code with corresponding component values from the table.
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
SCHEMATICS
4
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
R
Cy
Cy
CX
G'
G
L mH
L mH
L
N
L
L'
N'
R
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
R
G'
G
L mH
L mH
L
N
L
L'
N'
R
CX
2M
1M
PASP
-
-
01 Q
50
1
C
21
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PASP01W-60-2M2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
   Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1L MINI-PAS-1L Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1M MINI-PAS-1M Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1U MINI-PAS-1U Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
More results

Similar Description - PASP01W-60-2M2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
42R51-5126 POWERDYNAMICS-42R51-5126 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, PC TERMINALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com