Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSN-26-1C Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PDSN-26-1C
Description  6 CELL TYPE C BATTERY HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDSN-26-1C Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PDSN-26-1C Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
6 CELL TYPE "C" BATTERY HOLDER
PDSN-26-1X
B
TM
3/21/94
TD
10/3/00
JJ
10/2/00
MATERIAL AND FINISH:
Insulator: Impact resistance Polypropylene, black,
UL-94V-HB rated
PDSN-26-1A (wire leads): PVC, 26 AWG
Contact & terminals:
PDSN-26-1B: Brass, Nickel plated
PDSN-26-1C: Brass, Nickel plated
Spring: Spring Steel, Nickel plated imbedded in
Polypropylene
ENVIRONMENTAL:
Operating temperature: -5°C to +83°C
12.9±0.1
55.2±0.5
157.6±0.5
25.5±0.5
3.05
4X 3.8
4X 6.7
151.5
6.35
42.5
27.6
19.8
59.0
59.0
Ø4.0
PDSN-26-1A WIRE LEADS
PDSN-26-1B SNAP TERMINAL
PDSN-26-1C SOLDER LUGS
150±5
2X 4
STRIP
AND
TIN
BLACK
RED
FEMALE (-)
MALE (+)
0.30 TYP.
(+)
(-)
Ø2.5 TYP.
+
_
+
_
_
+
_
+


Similar Part No. - PDSN-26-1C

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-26B POWERDYNAMICS-PDSN-26B Datasheet
51Kb / 1P
   8 CELL TYPE AA BATTERY HOLDER SIDE BY SIDE
PDSN-26C POWERDYNAMICS-PDSN-26C Datasheet
51Kb / 1P
   8 CELL TYPE AA BATTERY HOLDER SIDE BY SIDE
PDSN-26X POWERDYNAMICS-PDSN-26X Datasheet
51Kb / 1P
   8 CELL TYPE AA BATTERY HOLDER SIDE BY SIDE
More results

Similar Description - PDSN-26-1C

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-24-2A POWERDYNAMICS-PDSN-24-2A Datasheet
52Kb / 1P
   4 CELL TYPE C BATTERY HOLDER
PDSN-14A POWERDYNAMICS-PDSN-14A Datasheet
48Kb / 1P
   2 CELL TYPE C BATTERY HOLDER
PDSN-21-1A POWERDYNAMICS-PDSN-21-1A Datasheet
43Kb / 1P
   1 CELL TYPE C BATTERY HOLDER
PDSN-24-1A POWERDYNAMICS-PDSN-24-1A Datasheet
50Kb / 1P
   4 CELL TYPE C BATTERY HOLDER
PDSN-28-3A POWERDYNAMICS-PDSN-28-3A Datasheet
48Kb / 1P
   8 CELL TYPE C BATTERY HOLDER
PDSN-16-1A POWERDYNAMICS-PDSN-16-1A Datasheet
47Kb / 1P
   6 CELL TYPE D BATTERY HOLDER
PDSN-36-2A POWERDYNAMICS-PDSN-36-2A Datasheet
51Kb / 1P
   6 CELL TYPE AA BATTERY HOLDER
PDSN-28-1A POWERDYNAMICS-PDSN-28-1A Datasheet
58Kb / 1P
   8 CELL TYPE C BATTERY HOLDER SIDE BY SIDE
PDSN-20A POWERDYNAMICS-PDSN-20A Datasheet
49Kb / 1P
   4 CELL TYPE C BATTERY HOLDER SIDE BY SIDE
PDSN-24-3A POWERDYNAMICS-PDSN-24-3A Datasheet
52Kb / 1P
   8 CELL TYPE C BATTERY HOLDER SIDE BY SIDE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com