Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSN-22C Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PDSN-22C
Description  4 CELL TYPE AA BATTERY HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDSN-22C Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PDSN-22C Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
4 CELL TYPE "AA" BATTERY HOLDER
PDSN-22X
GQ
04/05/02
TD
04/24/02
PB
04/24/02
+
_
PDSN-22A WIRE LEADS
PDSN-22C SOLDER LUGS
PDSN-22D PCB PINS
PDSN-22B SNAP TERMINAL
12.9±0.1
RECOMMENDED
PCB LAYOUT FOR
PDSN-22D
2X Ø1.8
A
A
SECTION A-A
150±5
2X 4
STRIP
AND
TIN
RED
BLACK
(+)
(-)
MALE (+)
FEMALE (-)
(-)
(+)
0.30 TYP.
Ø1.3 TYP.
0.60 TYP.
4.5±0.5
1.6 TYP.
(-)
(+)
MATERIAL AND FINISH:
Insulator: Impact resistance Polypropylene, black,
UL-94V-HB rated
PDSN-22A (wire leads): PVC, 26 AWG
Contact & terminals:
PDSN-22B: Brass, Nickel plated
PDSN-22C: Brass, Nickel plated
PDSN-22D: Steel, Nickel plated
Spring: Spring Steel, Nickel plated imbedded in
Polypropylene
ENVIRONMENTAL:
Operating temperature: -5°C to +83°C
107
26.3±0.5
16.6±0.5
12.9±0.1
2X "AA"
BATTERIES


Similar Part No. - PDSN-22C

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-2 POWERDYNAMICS-PDSN-2 Datasheet
40Kb / 1P
   9V BATTERY SNAP WITH PVC COVER
PDSN-20A POWERDYNAMICS-PDSN-20A Datasheet
49Kb / 1P
   4 CELL TYPE C BATTERY HOLDER SIDE BY SIDE
PDSN-21-1A POWERDYNAMICS-PDSN-21-1A Datasheet
43Kb / 1P
   1 CELL TYPE C BATTERY HOLDER
PDSN-21-1C POWERDYNAMICS-PDSN-21-1C Datasheet
43Kb / 1P
   1 CELL TYPE C BATTERY HOLDER
PDSN-21A POWERDYNAMICS-PDSN-21A Datasheet
50Kb / 1P
   3 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
More results

Similar Description - PDSN-22C

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-13A POWERDYNAMICS-PDSN-13A Datasheet
51Kb / 1P
   4 CELL TYPE AA BATTERY HOLDER
PDSN-36-2A POWERDYNAMICS-PDSN-36-2A Datasheet
51Kb / 1P
   6 CELL TYPE AA BATTERY HOLDER
PDSN-10A POWERDYNAMICS-PDSN-10A Datasheet
47Kb / 1P
   2 CELL TYPE "AA" BATTERY HOLDER
PDSN-19A POWERDYNAMICS-PDSN-19A Datasheet
44Kb / 1P
   2 CELL TYPE AA BATTERY HOLDER
PDSN-18A POWERDYNAMICS-PDSN-18A Datasheet
50Kb / 1P
   4 CELL TYPE AA BATTERY HOLDER SIDE BY SIDE
logo
List of Unclassifed Man...
12BH309-GR ETC2-12BH309-GR Datasheet
101Kb / 1P
   10 AA Cell Battery Holder
logo
PowerDynamics, Inc
PDSN-12A POWERDYNAMICS-PDSN-12A Datasheet
44Kb / 1P
   AA BATTERY HOLDER, 1 CELL
logo
Bud Industries, Inc.
HH-3633 BUD-HH-3633 Datasheet
24Kb / 1P
   BATTERY HOLDER - 4 AA
logo
List of Unclassifed Man...
12BH349-GR ETC2-12BH349-GR Datasheet
172Kb / 1P
   4 AA Battery Holder
logo
PowerDynamics, Inc
PDSN-21A POWERDYNAMICS-PDSN-21A Datasheet
50Kb / 1P
   3 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com