Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT-1005660-12K2-A6-G Datasheet(PDF) 7 Page - TDK Electronics

Part # WT-1005660-12K2-A6-G
Description  Wire Diameter: ?0.08mm x 105 ( Type2 Wire) Coil Turns: 12TS / 1 layer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WT-1005660-12K2-A6-G Datasheet(HTML) 7 Page - TDK Electronics

  WT-1005660-12K2-A6-G Datasheet HTML 1Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 2Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 3Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 4Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 5Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 6Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 7Page - TDK Electronics WT-1005660-12K2-A6-G Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5/6
PRODUCT SPECIFICATION
TDK PRODUCT NAME:
SPEC. NO.
CUSTOMER PRODUCT NAME:
(9) Packing
1. To stack the the Trays onto 4 Layers:
- PET tray dimension: 326*329*11.0mm (REF.)
- 6 Pcs / per PET tray (REF.)
2. To put 2 Trays of products into the small Carton and affixing the out-going label on the outside .
- Small carton dimension: 331*337*33mm (REF.)
- 4 PET Trays / per small carton ( PET tray of the top side is empty in the small carton)
WT-1005660-12K2-A6-G
Total : 6x3=18pcs
Total : 2x3=6pcs
Out-going Label
Out-going Label
CUST PROD ID(P):
123456789.
Foxconn
QTY(Q):
72
(6P):TTXDF12345TWN273711000
TDK ITEM(1P): WR-483250-15M2-F
VDR(V):TDK
LOT NO(1T): WL12K34567+M0001
DATE CODE(T):
0001
2011/11/22
MADE IN TAIWAN
(S)
(ITEM:WR-483250-15M2-F)
(1M)TTXDF12345
TDK TAIWAN CORPORATION
001/009
12325A0435
ROHS
1411
WT-1005660-12K2-A6-G
WT-1005660-12K2-A6-G)
Customer
4-Layers
TOP Tray is empty


Similar Part No. - WT-1005660-12K2-A6-G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WT-12 MOLEX4-WT-12 Datasheet
89Kb / 2P
   Ultimate Wire Tap, Yellow, 12 AWG
logo
Soberton Inc.
WT-1201 SOBERTON-WT-1201 Datasheet
133Kb / 2P
   Washable Type
WT-1201 SOBERTON-WT-1201 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1205 SOBERTON-WT-1205 Datasheet
133Kb / 2P
   Washable Type
More results

Similar Description - WT-1005660-12K2-A6-G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
WT-505060-10K2-A11-G TDK-WT-505060-10K2-A11-G Datasheet
544Kb / 8P
   Wire Diameter: ?0.08mm x 105 ( Type2 Wire) Coil Turns: 10TS ,1 layer
WT-525225-20K2-A1-G TDK-WT-525225-20K2-A1-G Datasheet
547Kb / 8P
   Wire Diameter: ?0.08mm x 105 ( Type2 Wire) Coil Turns: 20TS ( 10Ts / 1 layer, Total 2 layers)
WR-483250-15M2-XX TDK-WR-483250-15M2-XX Datasheet
533Kb / 8P
   Wire Diameter: ?0.30*2 ( Bifilar Winding Coil) Coil Turns: 15Ts
WR-444050-17M2-5T-G TDK-WR-444050-17M2-5T-G Datasheet
346Kb / 9P
   Wire Diameter: ?0.25*2 ( Bifilar Winding Coil) Coil Turns: 17Ts
WR-383250-17M2-XX TDK-WR-383250-17M2-XX Datasheet
602Kb / 8P
   Wire Diameter: ?0.25*2 ( Bifilar Winding Coil) Coil Turns: 17Ts
WT-505060-20K2-A10-G TDK-WT-505060-20K2-A10-G Datasheet
355Kb / 8P
   Coil Turns: 20TS ( 10Ts / 1 layer, Total 2 layers)
logo
ORION FANS
G172 ORIONFANS-G172 Datasheet
764Kb / 1P
   WIRE DIAMETER
logo
Molex Electronics Ltd.
0352414011 MOLEX4-0352414011 Datasheet
126Kb / 2P
   1.00mm (.039") Diameter Wire-to-Wire Plug Housing
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
   CCFH0402 WIRE WOUND COIL
CCFH1008 AITCOMPONENTS-CCFH1008 Datasheet
33Kb / 1P
   CCFH1008 WIRE WOUND COIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com