Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-L1530R-B Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-L1530R-B
Description  NEMA L15-30R LOCKING RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-L1530R-B Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-L1530R-B Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.13
1 of 1
SHEET
NEMA L15-30R LOCKING RECEPTACLE
-
PD-L1530R-B
PB
12/13/10
MATERIAL:
Housing: PBT, color black
Bracket: Brass
Contacts: Brass
ELECTRICAL SPECIFICATIONS:
Rated current: 30A
Rated voltage: 250VAC
APPROVALS:
C R
US
LISTED
42.5±0.5
83.5±0.5
91.5±1.0
Ø39.5±0.5
26.2±1.0
31.2±1.0
66.3±1.0


Similar Part No. - PD-L1530R-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L1530C-B POWERDYNAMICS-PD-L1530C-B Datasheet
122Kb / 1P
   NEMA L15-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
PD-L1530P-B POWERDYNAMICS-PD-L1530P-B Datasheet
107Kb / 1P
   ELECTRICAL SPECIFICATIONS
More results

Similar Description - PD-L1530R-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L1430R-B POWERDYNAMICS-PD-L1430R-B Datasheet
58Kb / 1P
   NEMA L14-30R LOCKING RECEPTACLE
PD-L530R-B POWERDYNAMICS-PD-L530R-B Datasheet
64Kb / 1P
   NEMA L5-30R LOCKING RECEPTACLE
PD-L630R-B POWERDYNAMICS-PD-L630R-B Datasheet
70Kb / 1P
   NEMA L6-30R LOCKING RECEPTACLE
PD-L1520R-B POWERDYNAMICS-PD-L1520R-B Datasheet
65Kb / 1P
   NEMA L15-20R LOCKING RECEPTACLE
PD-L1530C-B POWERDYNAMICS-PD-L1530C-B Datasheet
122Kb / 1P
   NEMA L15-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
logo
Molex Electronics Ltd.
1301490072 MOLEX11-1301490072 Datasheet
41Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
logo
Qualtek Electronics Cor...
Q-622 QUALTEK-Q-622 Datasheet
194Kb / 1P
   NEMA L6-15R LOCKING RECEPTACLE
logo
PowerDynamics, Inc
PD-L620R-B POWERDYNAMICS-PD-L620R-B Datasheet
59Kb / 1P
   NEMA L6-20R LOCKING RECEPTACLE
logo
Qualtek Electronics Cor...
Q-610 QUALTEK-Q-610 Datasheet
192Kb / 1P
   NEMA L5-15R LOCKING RECEPTACLE
logo
PowerDynamics, Inc
PD-L615R-B POWERDYNAMICS-PD-L615R-B Datasheet
53Kb / 1P
   NEMA L6-15R LOCKING RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com