Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA-495930-Q4 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MMA-495930-Q4
Description  The MMA-495930-Q4 is a high linearity GaAs FET broadband MMIC amplifier utilizing MwT?셲 proprietary linear device technology.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-495930-Q4 Datasheet(HTML) 1 Page - IXYS Corporation

  MMA-495930-Q4 Datasheet HTML 1Page - IXYS Corporation MMA-495930-Q4 Datasheet HTML 2Page - IXYS Corporation MMA-495930-Q4 Datasheet HTML 3Page - IXYS Corporation MMA-495930-Q4 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMA-495930-Q4
4.9-5.9GHz Fully Matched Medium Power Amplifier
Preliminary Data Sheet
June 2007
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
Data contained herein is subject to change without notice. All rights reserved © 2007
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 1 of 4, Updated 6/07
Features:
Ideal for 4900 –5900 MHz High Linearity / High Dynamic Range
WiMax/WLAN and Point-To-Point Radio Applications
Excellent RF Performance:
o
45 dBm OIP3
o
30 dBm P1dB
o
22 dBm Pout @ 2.0% EVM (Testing signal: 802.16/64 QAM)
o
20 dB Gain
Vdd =+7.5V
Input and Output are Matched to 50 Ω
MTTF > 100 years @ 85ºC ambient temperature
RoHS Compliant Surface-Mount QFN 4X4mm Package
Description:
The MMA-495930-Q4 is a high linearity GaAs FET broadband MMIC amplifier utilizing MwT’s proprietary linear
device technology. It is packaged in a low cost QFN 4X4mm Green Package. Applications include the driver and the
output stage of power amplifiers for WLAN and WiMax infrastructure base stations and access points. The third
order intercept performance of the MMA-495930-Q4 is excellent and is typically 15 dB above the 1 dB gain
compression point.
Typical RF Performance: Vds=7.5V, Vgs=-0.9V, Ids=450mA, Ta=25 °C Z0=50 ohm
Parameter
Units
Typical Data
Frequency Range
MHz
4900-5900
Gain (Typ / Min)
dB
20 / 18
Gain Flatness (Typ / Max)
+/-dB
1.0 / 1.2
Input Return Loss
dB
8
Output Return Loss
dB
8
Output P1dB
dBm
30
Output IP3 (1)
dBm
45
Pout @ 2.0% EVM
dBm
22
Operating Current Range
(Typ / Max)
mA
450 / 500
Thermal Resistance
°C /W
20
(1) Output IP3 is measured with two tones at output power of 13 dBm/tone separated by 10 MHz
.


Similar Part No. - MMA-495930-Q4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
More results

Similar Description - MMA-495930-Q4

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCA3310 RFMD-RFCA3310 Datasheet
890Kb / 13P
   75 HIGH LINEARITY GaAs HBT MMIC AMPLIFIER
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_12 Datasheet
864Kb / 16P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
   High Linearity GaAs FET Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com