Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820552711 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 820552711
Description  STANDARD VARISTOR DISC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

820552711 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  820552711 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 820552711 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 820552711 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 820552711 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 820552711 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 820552711 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Artikelnummer / part number :
Bezeichnung :
description :
DIAM:
5
MM
BASIC TEST AND ENVIRONMENTAL RELIABILITY TEST
Freigabe erteilt /
Kunde / customer
general release:
Datum / date
Unterschrift / signature
JP Penlou
New P/N
2006-06-01
Würth Elektronik
JP Penlou
Customer Layout
2006-05-11
JP Penlou
Factory codes
2005-11-16
JP Penlou
Lead Free Marking
2004-10-19
Geprüft / checked
2006-06-01 Kontrolliert / approved
JP. Penlou
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
http://www.we-online.com
E Testbedingungen / test conditions :
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Kunde / customer :
STANDARD VARISTOR DISC
820 552 711
Humidity
The specimen shall be subjected to 40+/-2°C, 90 to 95% R.H.
For 1000 hours without load and then stored at room
temperature and normal humidity for 1 to 2 hours. Thereafter,
the change of Vn shall be measured and meet the requirement
of:
∆ Vn/Vn≤ ± 5%.
Impulse life
The impulse current listed on catalog is applied 1000 times
continuously with the interval of 30 seconds at room
temperature. The change of Vn shall be measured
∆ Vn/Vn≤ ± 10%
Low temperature
The specimen shall be subjected to 40 ±2°C without load for
1000 hours and then stored at room temperature and normal
humidity for 1 to 2 hours. Thereafter, the change of Vn shall be
measured and meet the requirement of ∆ Vn/Vn ≤± 5%.
High temperature load
After being continuously applied the maximum allowable
Voltage at 85 ±2°C for 1000 hours, the specimen shall be
stored at room temperature and humidity for 1 to 2 hours. The
change of Vn shall be measured and meet the requirement of
Vn/Vn ≤± 10%.
High temperature storage
The specimen shall be subjected to 125 ±1°C for 1000 hours. In
a drying oven without load stored at room temperature and
humidity for 1 to 2 hours. The change of Vn shall be measured
and meet the requirement of ∆ Vn/Vn ≤± 5%.
Withstanding Voltage
The specified voltage shall be applied between both terminals
of the specimen connected together for 1 minute, with no
remarkable mechanical damage.
Withstanding Voltage (Body Insulation)
Classification (Nom. varistor voltage)
Test Voltage (AC)
V0,1mA - V1mA ≤ 330 V
1 000 Vrms
V0,1mA - V1mA > 330 V
1 500 Vrms
Terminal pull strength
After gradually applying the load specified below and keeping
the unit fixed for 10 ±1 seconds, with no remarkable mechanical
damage.
Terminal diameter
Loading weight in pull strength
0.6mm (0.024”)
10N (1.02Kg)
0.8 mm (0.031”)
10N (1.02Kg)
1.0 mm (0.039”)
20N (2.04Kg)
Terminal bending strength
The unit shall be secured with its terminal kept vertical and the
weight specified above shall be applied in the axial direction.
The terminal shall gradually be bent 90° in one direction, then
90° in the opposite direction, and again back to the original
position. A bend of lead wire shall be repeated 2 times, with no
remarkable mechanical damage.
Loading weight in bending strength
5N (0.51Kg)
5N (0.51Kg)
10N (1.02Kg)
Vibration
Subjected to simple harmonic motion of 0.75 mm amplitude 1.5
mm maximum total excursion between limits of 10-55 Hz.
Frequency scan shall be traversed in one minute. This motion
shall then be applied for period of 2 hours in each of three
mutually perpendicular directions, with no remarkable
mechanical damage.
Solderability
After dipping the terminal to a depth of approximately 3mm from
the body in a soldering bath of 235 ±5°C for 2 ±0.5 seconds, the
terminal shall be visually examined. Approximately 95% of the
terminals shall be covered with new solder uniformly.
Resistance to soldering heat
The terminal shall be dipped into a soldering bath with
temperature of 260 ±5°C to a point of 2~2.5 mm from the body
of the unit, be held there for 10 ±1 sec (5N series: 5 ±1 sec) and
then be stored at room temperature and humidity for 1 to 2
hours. The change of Vn shall be measured and meet the
requirement of ∆ Vn/Vn ≤ ± 5% with no remarkable mechanical
damage.
Damp heat load
The specimen shall be subjected to 40 ±2°C, 90 to 95% R.H.
and the maximum allowable voltage for 100 hours and then
stored at room temperature and normally humidity for 1 to 2
hours. The change of Vn shall be measured and meet the
requirement of
∆ Vn/Vn ≤ ± 10%.
Temperature cycle
The temperature cycle is repeated fives cycles with
(1)-40 ±3°C keeping 30 ±3 minutes then (2) room temperature
keeping 15 ±3 minutes then (3)125 ±2°C keeping 30 ±3 minutes
then (4) room temperature keeping 15 ±3 minutes and then
stored at room temperature and humidity for 1 to 2 hours. The
change of Vn shall be measured and meet requirement
∆ Vn/Vn ≤ ± 5% with no remarkable mechanical damage.
PAGE/SEITE 6 - PAGES/VON 6


Similar Part No. - 820552711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
820552501 ETC2-820552501 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820552501 WURTH-820552501 Datasheet
1Mb / 7P
   WE-VD Disk Varistor
006.002
More results

Similar Description - 820552711

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
820511311 WURTH-820511311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820524611 WURTH-820524611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820544611 WURTH-820544611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
logo
List of Unclassifed Man...
820552501 ETC2-820552501 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820571406 ETC2-820571406 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820512001 ETC2-820512001 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
820551311 ETC2-820551311 Datasheet
148Kb / 6P
   STANDARD VARISTOR DISC
logo
Wurth Elektronik GmbH &...
820514611 WURTH-820514611 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820526811 WURTH-820526811 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820541311 WURTH-820541311 Datasheet
153Kb / 6P
   STANDARD VARISTOR DISC
820542711 WURTH-820542711 Datasheet
205Kb / 6P
   STANDARD VARISTOR DISC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com