Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA01S60-2MB Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PA01S60-2MB
Description  RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PA01S60-2MB Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PA01S60-2MB Datasheet HTML 1Page - PowerDynamics, Inc PA01S60-2MB Datasheet HTML 2Page - PowerDynamics, Inc PA01S60-2MB Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CURRENT RATING (A):
= 01
= 02
= 03
= 06
= 08
= 10
= 15*
TERMINAL:
= Q
= S
= W
OPTIONS:
= 00
= 50**
= 60
QUICK CONNECT
SOLDER
WIRE
NO BLEEDER RESISTOR
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 4
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(X) & C(Y)
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
PA Series Example & Ordering Code
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
SCHEMATICS
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
8.0
3.0-3.6L
6.6
2.0-3.0L
4

Contact PDI for attenuation numbers

Contact PDI for availability
*15A for UL, cUL; 10A for CE, VDE
** N/A for 15A
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
R
Cy
Cy
CX
G'
G
L mH
L mH
L
N
L
L'
N'
R
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
R
G'
G
L mH
L mH
L
N
L
L'
N'
R
CX
2M
1M
Cx
Cy
Inductance Per Current Rating (mH)
(µF)
(pF)
1A
2A
3A
6A
8A
10A
15A
0.1
2200
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
3300
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3300
3.7
2.7
1.8
0.8
1.05
0.3
0.2
0.1
1000
10.5
4.2
2.5
1.05

0.3
0.2
0.047
3300
4.6
3.4
2.5
0.9

0.3
0.2
0.033
3300
9.5
4.3
1.8
0.85

0.3
0.2
0.047
2200
10.5
4.0
1.2
0.53

0.3
0.2
0.033
2200
5.0
3.7
1.8
0.6

0.2
0.2
without Cx
without Cy
10.5
6.5
2.5
1.05

0.3
0.2
0.22
2200
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.22
3300
6.5
4.0
2.5
0.8
1.05
0.3
0.2
Cx
Inductance Per Current Rating (mH)
(µF)
1A
2A
3A
6A
8A
10A
15A
0.1
6.5
3.8
2.5
0.8
1.05
0.2
0.2
0.015
1.9
1.5
1.1
0.6

0.3
0.2
0.1
3.7
2.7
1.8

0.3

0.047
4.6
3.4
2.5
0.9

0.3
0.2
0.033
9.5
4.3
1.8
0.85

0.3
0.2
0.22
6.5
4.0
2.5
0.8
1.05
0.3
0.2
0.047
10.5
4
1.2
0.53


0.033
5
3.7

0.6

0.2

Medical applications, select Attenuation code with corresponding component values from the table.
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
3
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
PA
-
-
01 Q
50
1
C


Similar Part No. - PA01S60-2MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01S DELTA-PA01S Datasheet
199Kb / 3P
   PA01S series 1W DC/DC Converter, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
199Kb / 3P
   PA01S series 1W DC/DC Converter, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01S0303A DELTA-PA01S0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
More results

Similar Description - PA01S60-2MB

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PASP POWERDYNAMICS-PASP Datasheet
469Kb / 3P
   RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
PD-42R51-1122 POWERDYNAMICS-PD-42R51-1122 Datasheet
33Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; FLANGE MOUNT, SOLDER TERMINALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com