Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD215AC3 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KSD215AC3
Description  PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KSD215AC3 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KSD215AC3_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KSD215AC3_11 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATION
DATE: 05/27/11'
NO. 58032215
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY:
KSD215AC3
SHEET 1 OF 2
REV.
4
1. OUTSIDE DIMENSION : UNIT ( mm )
2. SCHEMATIC : TOP VIEW
cosmo
LOAD
INPUT
TYPE
LOAD
INPUT
5
KSD215AC3
15A
to
250VAC
12VDC
+-
24.00
12.00
7.25
32.00
2.00
2.00
1.20(x2)
4.38
5.08 7.62
2.54
0.80(x2)
22.50
4.50
5.00
10.50
6.50
3.20
0.60
+
-
LOAD
cosmo
LOAD
INPUT
-
+
250VAC
KSD215AC3
INPUT
to
5
TYPE
LOAD
15A
12VDC


Similar Part No. - KSD215AC3_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
More results

Similar Description - KSD215AC3_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com