Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PASP01W-60-1MB Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PASP01W-60-1MB
Description  RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PASP01W-60-1MB Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PASP01W-60-1MB Datasheet HTML 1Page - PowerDynamics, Inc PASP01W-60-1MB Datasheet HTML 2Page - PowerDynamics, Inc PASP01W-60-1MB Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320
AC INLET SOCKET.
PASP Series
MECHANICAL DIMENSIONS
FEATURES
The PASP series are offered with right angle PCB mount
terminals. This filter with IEC connector provides effective
equipment protection in line-to-ground noise up to 15 Amp,
250VAC. These compactly designed filters with low leakage
current are well suited for applications that require strict
emission standards. These filters are also available for
Medical application and offer extremely low leakage
current to comply with various industry standards.
A bleeder resistor can be added to prevent excessive volt-
ages from developing across the filter capacitors when there
is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 2A, 3A, 6A, 10A, 15A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)
* Medical application
36.3
39.8
41.3
28.2
24.4
20.2
21.3
6.5
18.6
20.5
40.0
50.1
G
22.5
30.3
2x 3.3
40.0
30.5
21.8
R5 TYP.
2x 3.5
+0.2
+0.2
RECOMMEDED
PANEL CUTOUT
18.6
21.3
20.5
4x 2
RECOMMEDED
PCB LAYOUT
20
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PASP01W-60-1MB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
   Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1L MINI-PAS-1L Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1M MINI-PAS-1M Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1U MINI-PAS-1U Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
More results

Similar Description - PASP01W-60-1MB

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
42R51-5126 POWERDYNAMICS-42R51-5126 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET FLUSH FLANGE MOUNT, PC TERMINALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com