Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8403 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8403
Description  1-/2-/4-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8403 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8403 Datasheet HTML 4Page - Analog Devices AD8403 Datasheet HTML 5Page - Analog Devices AD8403 Datasheet HTML 6Page - Analog Devices AD8403 Datasheet HTML 7Page - Analog Devices AD8403 Datasheet HTML 8Page - Analog Devices AD8403 Datasheet HTML 9Page - Analog Devices AD8403 Datasheet HTML 10Page - Analog Devices AD8403 Datasheet HTML 11Page - Analog Devices AD8403 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CODE – Decimal
10
8
0
0
32
256
64
96
128
160
192
224
6
4
2
VDD = +3V OR +5V
RWB
RWA
Figure 2. Wiper to End Terminal
Resistance vs. Code
DIGITAL INPUT CODE – Decimal
1
0.5
–1
0
32
256
64
96
128
160
192
224
0
–0.5
VDD = +5V
TA = –40°C
TA = +25°C
TA = +85°C
Figure 5. Resistance Step Position
Nonlinearity Error vs. Code
DIGITAL INPUT CODE – Decimal
1
0.5
–1
0
32
256
64
96
128
160
192
224
0
–0.5
TA = –40°C
TA = +25°C
TA = +85°C
VDD = +5V
Figure 8. Potentiometer Divider
Nonlinearity Error vs. Code
AD8400/AD8402/AD8403–Typical Performance Characteristics
IWA CURRENT – mA
5
4
0
07
14
5
3
2
1
23
6
80H
40H
20H
FFH
CODE = 10H
TA = +25°C
VDD = +5V
05H
Figure 3. Resistance Linearity vs.
Conduction Current
WIPER RESISTANCE –
60
48
0
40.0 42.5
65.0
45.0 47.5 50.0 52.5 55.0 57.5 60.0 62.5
36
24
12
SS = 1205 UNITS
VDD = 4.5V
TA = +25°C
Figure 6. 10 k
Ω Wiper-Contact-
Resistance Histogram
WIPER RESISTANCE –
60
48
0
35
37
55
39
41
43
45
47
49
51
53
36
24
12
SS = 184 UNITS
VDD = 4.5V
TA = +25°C
Figure 9. 50 k
Ω Wiper-Contact-
Resistance Histogram
WIPER RESISTANCE –
60
48
0
40.0 42.5
65.0
45.0 47.5 50.0 52.5 55.0 57.5 60.0 62.5
36
24
12
SS = 184 UNITS
VDD = 4.5V
TA = +25°C
Figure 4. 100 k
Ω Wiper-Contact-
Resistance Histogram
TEMPERATURE –
°C
10
8
0
–75
–50
125
–25
0
25
50
75
100
6
4
2
RAB (END-TO-END)
RWB (WIPER-TO-END)
CODE = 80H
Figure 7. Nominal Resistance vs.
Temperature
CODE – DECIMAL
70
60
–10
0
32
160
64
96
128
30
20
10
0
50
40
192 224 256
VDD = +5V
TA = –40°C/+85°C
VA = 2.00V
VB = 0V
Figure 10.
VWB / T Potentiometer
Mode Tempco
–8–
REV. B


Similar Part No. - AD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8403 AD-AD8403 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD8403 AD-AD8403 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD8403 AD-AD8403 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD8403AN10 AD-AD8403AN10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403AN50 AD-AD8403AN50 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Similar Description - AD8403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com