Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPL115A1 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPL115A1
Description  Miniature SPI Digital Barometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A1 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPL115A1_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL115A1_13 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Sensors
14
Freescale Semiconductor, Inc.
MPL115A1
PACKAGE DIMENSIONS
CASE 2015-02
ISSUE A
LGA PACKAGE


Similar Part No. - MPL115A1_13

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A1T1 FREESCALE-MPL115A1T1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
logo
NXP Semiconductors
MPL115A1T1 NXP-MPL115A1T1 Datasheet
3Mb / 23P
   Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
More results

Similar Description - MPL115A1_13

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
   Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
   Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
   Miniature I2C Digital Barometer
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
   Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
   BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com