Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMA8491Q Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part No. MMA8491Q
Description  Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MMA8491Q Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MMA8491Q
Sensors
Freescale Semiconductor, Inc.
7
2
Mechanical and Electrical Specifications
2.1
Absolute maximum ratings
Table 2. Maximum ratings
Rating
Symbol
Value
Unit
Maximum acceleration (all axes, 100
μs)
gmax
10,000
g
Analog supply voltage
VDD
-0.3 to +3.6
V
Drop test
Ddrop
1.8
m
Operation temperature range
TAGOC
-40 to +85
°C
Storage temperature range
Tstg
-40 to +125
°C
Table 3. ESD and LATCHUP protection characteristics
Rating
Symbol
Value
Unit
Human body model
HBM
±2000
V
Machine model
MM
±200
V
Charge device model
CDM
±500
V
Latchup current at TA = 85°C
±100
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn