Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

908E624 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part No. 908E624
Description  Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E624 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 908E624_12 Datasheet HTML 14Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 15Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 16Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 17Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 18Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 19Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 20Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 21Page - Freescale Semiconductor, Inc 908E624_12 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
908E624
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Note
If the operational amplifier is not used, it is possible
to connect all pins (E+, E-, OUT and VCC) to GND. In this
case, all of the four pins must be grounded.
+5.0 V VOLTAGE REGULATOR OUTPUT PIN (VDD)
The VDD pin is needed to place an external capacitor to
stabilize the regulated output voltage. The VDD pin is
intended to supply the embedded microcontroller. The pin is
protected against shorts to GND with an integrated current
limit (temperature shutdown could occur).
Important
The VDD, EVDD, VDDA, and VREFH pins
must be connected together.
VOLTAGE REGULATOR AND CURRENT SENSE
AMPLIFIER GROUND PIN (AGND)
The AGND pin is the ground pin of the voltage regulator
and the current sense operational amplifier.
Important
GND, AGND, VSS, EVSS, VSSA, and VREFL
pins must be connected together.
NO CONNECT PINS (NC)
The NC pins are not connected internally.
Note
Each of the NC pins can be left open or connected
to ground (recommended).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn