Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E621 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 908E621_12 Datasheet HTML 35Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 36Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 37Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 38Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 39Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 40Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 41Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 42Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
908E621
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
High Side Over-voltage / Under-voltage Protection
The outputs are protected against under /over-voltage
conditions. This protection is done by the low and high
voltage interrupt circuitry. If an over /under-voltage condition
is detected (LVIF / HVIF), and Bit VIS in the High Side Status
Register is cleared, the output is disabled.
The over /under-voltage status flags are cleared (and the
output reenabled), by writing a logic [1] to the LVIF / HVIF
flags in the Interrupt Flag Register, or by reset. Clearing this
flag has no effect as long as a high or low voltage condition
is present.
HIGH SIDE OVER-TEMPERATURE PROTECTION
The outputs are protected against over-temperature
conditions.
Each power output comprises two different temperature
thresholds.
The first threshold is the high temperature interrupt (HTI).
If the temperature reach this threshold, the HTI bit in the
interrupt flag register is set and an interrupt will be generated,
if the HTIE bit in the interrupt mask register is set. In addition,
this interrupt can be used to automatically turn off the power
stages (all high sides, on Half-bridges just the high side
FET’s). This shutdown can be enabled/disabled by the HTIS0
bit.
The high temperature interrupts flag (HTIE) is cleared (and
the outputs reenabled) by writing a logic [1] to the HTIF flag
in the Interrupt Status Register, or by reset. Clearing this flag
has no effect as long as a high temperature condition is
present.
If the HTIS shutdown is disabled, a second threshold
(HTR) will be used to turn off all power stages (HB (all Fet’s),
HS, HVDD, H0) in order to protect the device.
High Side Over-current Protection
The HS outputs are protected against over-current. When
the over-current limit is reached, the output will be
automatically switched off and the over-current flag is set.
Due to the high inrush current of bulbs, a special feature
was implemented to avoid a over-current shutdown during
this inrush current. If a PWM frequency will be supplied to the
PWM input during the switch on of a bulb, the inrush current
will be limited to the over-current shutdown limit. This means,
if the current reaches the over-current shutdown, the high
side will be switched off, but each rising edge on the PWM
input will enable the driver again. The duty cycle supplied by
the MCU has no influence on the switch-on time of the high
side driver.
In order to distinguish between a shutdown due to an
inrush current or a real shutdown, the software checks if the
over-current status flag (HSxOCF) in the High Side Status
register is set beyond a certain period of time.
Table 9. High Side Configuration Bits
HSxPWM
HSxON
Mode
0
0
High side MOSFET off
0
1
High side MOSFET on if over-current, the
over-current flag (HSxOCF) is set, and the
high side MOSFET is turned off
1
0
In this mode, the PWM duty cycle is either
controlled by the PWM input signal, or if
the over-current shutdown value is
reached by the part itself.
Without reaching the over-current
shutdown, the high side driver is directly
driven from the PWM input signal. If the
Input signal is high, the output is on. If low,
the output is off (PWM control).
If the current reaches the over-current
shutdown value, the high side will be
automatically turned off. With the next
rising edge of the PWM input signal, the
output will turn on again (current
limitation). The HSxOCF bit will be set.
The software has to distinguish between
an inrush current and a real short on the
output.
1
1
High side MOSFET is switched on and the
inrush current limitation is enabled. This
means the high side will start
automatically with a current limitation
around the over-current shutdown
threshold. (PWM signal must be applied,
see Figure 24)
If the high side enters current limitation,
the HSxOCF bit is set, but the output is not
disabled. The software needs to
distinguish between an inrush current and
a real short on the output.


Similar Part No. - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com