Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8327ARU-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8327ARU-REEL
Description  5 V CATV Line Driver Coarse Step Output Power Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8327ARU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8327ARU-REEL Datasheet HTML 2Page - Analog Devices AD8327ARU-REEL Datasheet HTML 3Page - Analog Devices AD8327ARU-REEL Datasheet HTML 4Page - Analog Devices AD8327ARU-REEL Datasheet HTML 5Page - Analog Devices AD8327ARU-REEL Datasheet HTML 6Page - Analog Devices AD8327ARU-REEL Datasheet HTML 7Page - Analog Devices AD8327ARU-REEL Datasheet HTML 8Page - Analog Devices AD8327ARU-REEL Datasheet HTML 9Page - Analog Devices AD8327ARU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD8327
–6–
FUNDAMENTAL FREQUENCY – MHz
–50
–55
–70
565
15
25
35
45
55
–60
–65
VOUT = 61dBmV
@ MAX GAIN
VOUT = 60dBmV
@ MAX GAIN
VOUT = 59dBmV
@ MAX GAIN
VOUT = 58dBmV
@ MAX GAIN
TPC 7. Second Order Harmonic Distortion vs. Frequency
for Various Output Levels
GAIN CONTROL – Decimal Code
–50
–55
–90
0
128
16
32
48
64
112
–60
–65
–70
–75
–80
–85
80
96
FO = 5MHz
VOUT = 60dBmV @ MAX GAIN
HD2
HD3
TPC 8. Harmonic Distortion vs. Gain Control
GAIN CONTROL – Decimal Code
–70
–80
–75
–65
–60
–55
–50
–85
–90
048
32
64
16
80
96
FO = 42MHz
VOUT = 60dBmV @ MAX GAIN
HD3
HD2
112
128
TPC 9. Harmonic Distortion vs. Gain Control
VOUT = 60dBmV @ MAX GAIN
FUNDAMENTAL FREQUENCY – MHz
–65
–80
535
–75
–70
25
45
15
–60
55
65
VOUT = 59dBmV @ MAX GAIN
VOUT = 61dBmV @ MAX GAIN
VOUT = 58dBmV @ MAX GAIN
–55
–50
TPC 10. Third Order Harmonic Distortion vs. Frequency
for Various Output Levels
GAIN CONTROL – Decimal Code
–50
–55
–90
0
128
16
32
48
64
112
–60
–65
–70
–75
–80
–85
80
96
FO = 21MHz
VOUT = 60dBmV @ MAX GAIN
HD2
HD3
TPC 11. Harmonic Distortion vs. Gain Control
GAIN CONTROL – Decimal Code
–50
–55
–90
0
128
16
32
48
64
112
–60
–65
–70
–75
–80
–85
80
96
FO = 65MHz
VOUT = 60dBmV @ MAX GAIN
HD2
HD3
TPC 12. Harmonic Distortion vs. Gain Control


Similar Part No. - AD8327ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results

Similar Description - AD8327ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com