Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTS2B103H30A3M Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # TTS2B103H30A3M
Description  NTC Thermistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TTS2B103H30A3M Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  TTS2B103H30A3M Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION TTS2B103H30A3M Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Features
1.
RoHS compliant
2.
Body size
3mm
3.
Radial lead resin coated
4.
-40 ~ +125
operating temperature range
5.
Wide resistance range
6.
Cost effective
7.
Agency recognition: UL
PART NUMBERING SYSTEM
TTS
2
B
502
2
2
7
2
C
Meritek Series
Size
CODE
Body Size
1
2.5mm(max)X3mm(max)
Transparent Epoxy
2
2.5mm(max)X3mm(max)
Black Epoxy
Beta Value
CODE
A
B
B25/85
B25/50
Part No. (R25)
CODE
102
103
1K
10K
Tolerance of Resistor
CODE
F
G
H
J
K
(%)
±1
±2
±3
±5
±10
Beta Value—first 2 digits
CODE
30
31
….
39
40
41
…..
30
31
….
39
40
41
….
Beta Value—last 2 digits
CODE
0
1
….
A
B
C
D
E
F
G
00
10
….
05
15
25
35
45
55
65
Tolerance of Beta Value
CODE
1
2
3
(%)
± 1
± 2
± 3
Appearance
CODE
C
D
E
F
0.25mm Silver
plated Copper wire
0.3 mm Silver
plated Copper wire
0.23mm enameled
Copper wire
0.3mm enameled
Copper wire
M
P
N
0.23mm enameled
manganin wire
0.5mm enameled
manganin wire
0.23mm enameled
constantan wire
UL E223037
MERITEK
NTC Thermistors
TTS Series
Specifications are subject to change without notice.


Similar Part No. - TTS2B103H30A3M

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS2B10313381 THINKING-TTS2B10313381 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313382 THINKING-TTS2B10313382 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313383 THINKING-TTS2B10313383 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313471 THINKING-TTS2B10313471 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313472 THINKING-TTS2B10313472 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results

Similar Description - TTS2B103H30A3M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com