Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8326ARP-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8326ARP-REEL
Description  High Output Power Programmable CATV Line Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8326ARP-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8326ARP-REEL Datasheet HTML 3Page - Analog Devices AD8326ARP-REEL Datasheet HTML 4Page - Analog Devices AD8326ARP-REEL Datasheet HTML 5Page - Analog Devices AD8326ARP-REEL Datasheet HTML 6Page - Analog Devices AD8326ARP-REEL Datasheet HTML 7Page - Analog Devices AD8326ARP-REEL Datasheet HTML 8Page - Analog Devices AD8326ARP-REEL Datasheet HTML 9Page - Analog Devices AD8326ARP-REEL Datasheet HTML 10Page - Analog Devices AD8326ARP-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD8326
–7–
1.0
0.5
0
–0.5
–1.0
–1.5
0
9
18
27
36
45
54
63
72
GAIN CONTROL – Decimal
VS = 12V
PO = 67dBmV@ MAX GAIN
65MHz
42MHz
5MHz
10MHz
TPC 2. Gain Error vs. Gain Control
40
30
20
10
0
–10
–20
–30
–40
0.1
1
10
100
1000
FREQUENCY – MHz
71D
00D
46D
VS = 12V
VO = 67dBmV @ MAX GAIN
23D
TPC 3. AC Response
Typical Performance Characteristics–
VIN+
VIN–
VCC
VEE
OUT–
AD8326
BYP
OUT+
0.1 F
0.1 F
1:1
TOKO
617DB-A0070
CL
0.1 F
0.1 F
165
75
75
75
+
VO
VCC
10 F
0.1 F
+1/2 VIN
–1/2 VIN
0.1 F
0.1 F
10 F
VEE
TPC 1. Test Circuit
1
10
100
32.0
30.5
29.0
27.5
26.0
24.5
23.0
21.5
FREQUENCY – MHz
CL = 0pF
CL = 10pF
CL = 20pF
CL = 50pF
VS = 12V
POUT = 67dBmV @ MAX GAIN
TPC 4. AC Response for Various Capacitor Loads
–26
–30
–34
–38
–42
–46
–50
GAIN CONTROL – Decimal
0
8
16
24
32
40
48
56
64
72
f = 10MHz
TXEN = 1
VS = 12V
TPC 5. Output Referred Noise vs. Gain Control


Similar Part No. - AD8326ARP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
More results

Similar Description - AD8326ARP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
AD8321 AD-AD8321 Datasheet
660Kb / 19P
   Gain Programmable CATV Line Driver
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com