Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE18204 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJE18204
Description  POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE18204 Datasheet(HTML) 2 Page - Motorola, Inc

  MJE18204 Datasheet HTML 1Page - Motorola, Inc MJE18204 Datasheet HTML 2Page - Motorola, Inc MJE18204 Datasheet HTML 3Page - Motorola, Inc MJE18204 Datasheet HTML 4Page - Motorola, Inc MJE18204 Datasheet HTML 5Page - Motorola, Inc MJE18204 Datasheet HTML 6Page - Motorola, Inc MJE18204 Datasheet HTML 7Page - Motorola, Inc MJE18204 Datasheet HTML 8Page - Motorola, Inc MJE18204 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MJE18204 MJF18204
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Voltage
(IC = 1 mA, IB = 0)
VCEO
600
660
Vdc
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
(IC = 200 mA, L = 25 mH, R = 2 Ω)
VCEO(sus)
VCER(sus)
550
600
630
700
Vdc
Collector–Base Breakdown Voltage
(ICBO = 1 mA, IE = 0)
VCBO
1200
1300
Vdc
Emitter–Base Breakdown Voltage
(IEBO = 1 mA, IC = 0)
VEBO
10
12.9
Vdc
Collector Cutoff Current (VCE = 600 V, IB = 0)
Collector Cutoff Current (VCE = 550 V, IB = 0)
@ TC = 25°C
@ TC = 125°C
ICEO
200
2000
µAdc
Collector Cutoff Current (VCE = Rated VCES, VBE = 0)
Collector Cutoff Current (VCE = 1000 V, VBE = 0)
@ TC = 25°C
@ TC = 125°C
@ TC = 125°C
ICES
100
500
100
µAdc
Collector Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
100
µAdc
Emitter–Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.1 Adc)
(IC = 2 Adc, IB = 0.4 Adc)
VBE(sat)
0.83
0.92
1.1
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.1 Adc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.3
0.7
1
1.25
Vdc
(IC = 2 Adc, IB = 0.4 Adc)
@ TC = 25°C
@ TC = 125°C
0.3
0.8
0.6
1.25
DC Current Gain
(IC = 0.5 Adc, VCE = 3 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
18
23
35
(IC = 1 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
10
8
13
22
(IC = 2 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
5
4
8
6
(IC = 5 mAdc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
10
25
33
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
13
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
200
pF
Input Capacitance (VEB = 8 Vdc)
Cib
2000
pF
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 2 Adc
IB1 = 660 mAdc
VCC = 300 V
@ 3
µs
@ TC = 25°C
VCE(dsat)
2.5
V
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IB1 = 660 mAdc
VCC = 300 V
@ TC = 125°C
7.5
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 2 Adc
IB1 = 0.4 Adc
VCC = 300 V
@ 3
µs
@ TC = 25°C
7
rising IB1 reaches
90% of final IB1
IB1 = 0.4 Adc
VCC = 300 V
@ TC = 125°C
15


Similar Part No. - MJE18204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
More results

Similar Description - MJE18204

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
logo
Motorola, Inc
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
   POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
   POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
logo
Rectron Semiconductor
RS3508M RECTRON-RS3508M Datasheet
204Kb / 5P
   VOLTAGE 1200 Volts CURRENT 35 Amperes
logo
Powerex Power Semicondu...
CM75DU-24H POWEREX-CM75DU-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com