Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8307-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD8307-EB
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307-EB Datasheet(HTML) 5 Page - Analog Devices

  AD8307-EB Datasheet HTML 1Page - Analog Devices AD8307-EB Datasheet HTML 2Page - Analog Devices AD8307-EB Datasheet HTML 3Page - Analog Devices AD8307-EB Datasheet HTML 4Page - Analog Devices AD8307-EB Datasheet HTML 5Page - Analog Devices AD8307-EB Datasheet HTML 6Page - Analog Devices AD8307-EB Datasheet HTML 7Page - Analog Devices AD8307-EB Datasheet HTML 8Page - Analog Devices AD8307-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8307
–5–
REV. A
INPUT LEVEL – dBm
3.0
2.5
0
–80
20
–60
–40
–20
0
2.0
1.5
1.0
0.5
NO CONNECT ON INT
10MHz, INT = –82.90dBm
INT PIN = 4.0V
10MHz, INT = –87.71dBm
INT PIN = 3.0V
10MHz, INT = –96.52dBm
–70
–50
–30
–10
10
Figure 7. VOUT vs. Input Level at 5 V Supply; Showing
Intercept Adjustment
INPUT LEVEL – dBm
3.0
1.5
0
–80
–70
–60
–50
–40
–30
–20
–10
2.5
2.0
1.0
0.5
010
INT VOLTAGE
INT = 1.0V, INT = –86dBm
INT VOLTAGE
INT = 2.0V, INT = –78dBm
INT VOLTAGE
INT NO CONNECT, INT = –71dBm
Figure 8. VOUT vs. Input Level at 3 V Supply Using AD820
as Buffer, Gain = +2; Showing Intercept Adjustment
2.5
2.0
0
–80
20
–60
–40
–20
0
1.5
1.0
0.5
INPUT LEVEL – dBm
100MHz @ –40 C
100MHz @ +85 C
100MHz @ +25 C
Figure 9. VOUT vs. Input Level at Three Temperatures
(–40
°C, +25°C, +85°C)
INPUT LEVEL – dBm
3
2
–3
–80
20
–60
–40
–20
0
1
0
–1
–2
– INPUT
+ INPUT
100MHz
Figure 10. Log Conformance vs. Input Level at 100 MHz;
Showing Response to Alternative Inputs
INPUT LEVEL – dBm
3
2
–3
–90
10
–70
–50
–30
–10
1
0
–1
–2
100MHz
500MHz
Figure 11. Log Conformance vs. Input at 100 MHz, 500 MHz;
Input Driven Differentially Using Transformer
INPUT LEVEL – dBm
3
2
–3
–70
10
–60
–50
–40
–30
1
0
–1
–2
100MHz
500MHz
20
–20
–10
0
10MHz
Figure 12. Log Conformance vs. Input Level at 3 V Supply
Using AD820 as Buffer, Gain = +2


Similar Part No. - AD8307-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR AD-AD8307AR Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR-REEL AD-AD8307AR-REEL Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results

Similar Description - AD8307-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com