Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8306AR-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8306AR-REEL7
Description  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306AR-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8306AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8306AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
AD8306
–6–
21
0
100
200
300
400
FREQUENCY – MHz
20
19
18
17
Figure 13. RSSI Slope vs. Frequency Using Termination of
52.3
0.4
0
0.375
0.35
0.325
0.3
50
100
150
200
0.275
0.25
FREQUENCY – MHz
250
300
350
400
Figure 14. RSSI Slope Standard Deviation vs. Frequency
12.5ns PER HORIZONTAL DIVISION
LIMITER OUTPUTS: 50mV PER VERTICAL DIVISION
LMLO
LMHI
INPUT: 1mV PER VERTICAL DIVISION
Figure 15. Limiter Response at LMHI, LMLO with Pulsed
Sine Input of –73 dBV (–60 dBm) at 50 MHz; RLOAD = 50 Ω,
RLIM = 200 Ω
–106
0
100
200
300
400
FREQUENCY – MHz
–107
–108
–109
–110
–111
–112
Figure 16. RSSI Intercept vs. Frequency Using Termina-
tion of 52.3
0.40
0
0.35
0.30
0.25
0.20
50
100
150
200
0.15
0.10
FREQUENCY – MHz
250
300
350
400
Figure 17. RSSI Intercept Standard Deviation vs. Frequency
10
–73
8
6
4
2
0
–2
–4
–63
–53
–43
–33
–23
–13
–3
–6
–8
–10
(–50dBm)
(0dBm)
INPUT LEVEL – dBV
TA = +25 C
TA = +85 C
TA = –40 C
Figure 18. Normalized Limiter Phase Response vs. Input
Level. Frequency = 100 MHz; TA = –40°C, +25°C and +85°C


Similar Part No. - AD8306AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
More results

Similar Description - AD8306AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
   5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com