Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8307 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 3 Page - Analog Devices

  AD8307 Datasheet HTML 1Page - Analog Devices AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8307
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.5 V
Input Voltage (Pins 1, 8) . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Storage Temperature Range, N, R . . . . . . . . –65
°C to +125°C
Ambient Temperature Range, Rated Performance Industrial,
AD8307AN, AD8307AR . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
PIN CONFIGURATION
INP
VPS
ENB
INT
COM
OFS
OUT
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
INM
AD8307
PIN FUNCTION DESCRIPTIONS
Pin
Name
Function
1
INM
Signal Input, Minus Polarity; Normally at
VPOS/2.
2
COM
Common Pin (Usually Grounded).
3
OFS
Offset Adjustment; External Capacitor
Connection.
4
OUT
Logarithmic (RSSI) Output Voltage; ROUT =
12.5 k
Ω.
5
INT
Intercept Adjustment;
±6 dB (See Text).
6
ENB
CMOS-compatible Chip Enable; Active when
“HI.”
7
VPS
Positive Supply, 2.7 V–5.5 V.
8
INP
Signal Input, Plus Polarity; Normally at VPOS/
2. Note: Due to the symmetrical nature of the
response, there is no special significance to the
sign of the two input pins. DC resistance from
INP to INM = 1.1 k
Ω.
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may effect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
AD8307AR
–40
°C to +85°C
SOIC
SO-8
AD8307AN
–40
°C to +85°C
Plastic DIP
N-8
AD8307AR-REEL
13" REEL
AD8307AR-REEL7
7" REEL
AD8307-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8307 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR AD-AD8307AR Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR-REEL AD-AD8307AR-REEL Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results

Similar Description - AD8307

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com