Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCL10-102B Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # FCL10-102B
Description  Flat Type Chip Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

FCL10-102B Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  FCL10-102B Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-102B Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
【Structure】
【Structure】
【Structure】
【Structure】
No.
1
2
3
Undercoat
Undercoat
Undercoat
Undercoat
4
5
6
7
8
9
10
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Power derating curve】
【Fusing characteristic】
【Fusing characteristic】
【Fusing characteristic】
【Fusing characteristic】
【I
【I
【I
【I
2
22
2t-t characteristic】
t-t characteristic】
t-t characteristic】
t-t characteristic】
【Caution on use】
【Caution on use】
【Caution on use】
【Caution on use】
- Please consult in advance about the use of those other than the specification written in this catalog.
- For use in the circuit which generates inrush current, please fully check durability against the inrush current.
- Please do not use this fuse for primary side.
- Please fully check characteristic against abnormality expected at normal use condition.
- We do not recommend mounting or reworking of fuse by soldering iron, since control of temperature and time is unclear.
- Please do not apply soldering iron to fuse terminal directly.
- Please do not reuse the fuse which was once mounted.
- Specification described in this catalog are subject to change without prior notice.
- When use to the apparatus that could affect human lives, such as automotive, and the apparatus that may incur serious damage
is considered, please consult in advance.
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Marking
Marking
Marking
Marking
Side electrode
Side electrode
Side electrode
Side electrode
Ni plating
Ni plating
Ni plating
Ni plating
Sn plating
Sn plating
Sn plating
Sn plating
Fuse element Ⅱ
Fuse element Ⅱ
Fuse element Ⅱ
Fuse element Ⅱ
Protective coat
Protective coat
Protective coat
Protective coat
Element Name
Ceramic substrate
Ceramic substrate
Ceramic substrate
Ceramic substrate
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
Fuse element Ⅰ
Fuse element Ⅰ
Fuse element Ⅰ
Fuse element Ⅰ
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
■When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of
When used at ambient temperature of 70
70
70
70℃ or above, power rating must be derated in accordance with
℃ or above, power rating must be derated in accordance with
℃ or above, power rating must be derated in accordance with
℃ or above, power rating must be derated in accordance with
the derating curve. below.
the derating curve. below.
the derating curve. below.
the derating curve. below.
0
20
40
60
80
100
Ambient temperature (℃)
FCL
-55
0
70
125
0.0001
0.0010
0.0100
0.1000
1.0000
10.0000
100.0000
0.0001
0.001
0.01
0.1
1
溶断時間
溶断時間
溶断時間
溶断時間[s]
[s]
[s]
[s]
FCL
FCL
FCL
FCL10
10
10
10 -
--
-252
252
252
252
FCL
FCL
FCL
FCL10
10
10
10 -
--
-202
202
202
202
FCL
FCL
FCL
FCL10
10
10
10 -
--
-162
162
162
162
FCL
FCL
FCL
FCL10
10
10
10 -
--
-152
152
152
152
FCL
FCL
FCL
FCL10
10
10
10 -
--
-102
102
102
102
FCL
FCL
FCL
FCL10
10
10
10 -
--
-132
132
132
132
FCL
FCL
FCL
FCL10
10
10
10 -
--
-801
801
801
801
FCL
FCL
FCL
FCL10
10
10
10 -
--
-751
751
751
751
FCL
FCL
FCL
FCL10
10
10
10 -
--
-251
251
251
251
FCL
FCL
FCL
FCL10
10
10
10 -
--
-631
631
631
631
FCL
FCL
FCL
FCL10
10
10
10 -
--
-501
501
501
501
FCL
FCL
FCL
FCL10
10
10
10 -
--
-401
401
401
401
FCL
FCL
FCL
FCL10
10
10
10 -
--
-381
381
381
381
FCL
FCL
FCL
FCL10
10
10
10 -
--
-351
351
351
351
FCL
FCL
FCL
FCL10
10
10
10 -
--
-321
321
321
321
FCL
FCL
FCL
FCL10
10
10
10 -
--
-201
201
201
201
FCL
FCL
FCL
FCL10
10
10
10 -
--
-302
302
302
302
Fusing time (s)
0.0001
0.001
0.01
0.1
1
0.1
1
10
100
印加電流
印加電流
印加電流
印加電流[A]
[A]
[A]
[A]
Applied Current (A)
1
2
3
4
5
6
7
8
9
10


Similar Part No. - FCL10-102B

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-102 HOKURIKU-FCL10-102 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
More results

Similar Description - FCL10-102B

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-201 HOKURIKU-FCL10-201 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
E011404 HOKURIKU-E011404 Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
logo
Littelfuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
logo
HOKURIKU ELECTRIC INDUS...
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com