Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCL10-251V Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # FCL10-251V
Description  Flat Type Chip Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

FCL10-251V Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  FCL10-251V Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCL10-251V Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
FCL10-***
FCL10-***
FCL10-***
FCL10-***
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
Marking
Marking
Marking
Marking
C
D
E
F
G
H
K
L
M
N
P
R
S
U
X
Y
Z
* Design・specification are subject to change without prior notice. Please check before purchase and use.
FCL10-***
FCL10-***
FCL10-***
FCL10-***
(Unit: mm)
Model No.
L
W
t
c
0.20±0.20
0.25±0.20
d
1.00±0.05
0.50±0.05
0.34±0.05
Breaking
Breaking
Breaking
Breaking
current (A)
current (A)
current (A)
current (A)
Fusing performance
Fusing performance
Fusing performance
Fusing performance
Operating
Operating
Operating
Operating
temperature
temperature
temperature
temperature
range
range
range
range
FCL10-201
FCL10-201
FCL10-201
FCL10-201
0.200
1990
FCL10-251
FCL10-251
FCL10-251
FCL10-251
0.250
Model No.
Model No.
Model No.
Model No.
Rated current
Rated current
Rated current
Rated current
A
A
A
A
Internal
Internal
Internal
Internal
resistance
resistance
resistance
resistance
momega
momega
momega
momega
Rated voltage
Rated voltage
Rated voltage
Rated voltage
(VDC)
(VDC)
(VDC)
(VDC)
1350
FCL10-321
FCL10-321
FCL10-321
FCL10-321
0.315
850
FCL10-351
FCL10-351
FCL10-351
FCL10-351
0.350
650
FCL10-381
FCL10-381
FCL10-381
FCL10-381
0.375
590
FCL10-401
FCL10-401
FCL10-401
FCL10-401
0.400
530
FCL10-501
FCL10-501
FCL10-501
FCL10-501
0.500
320
FCL10-631
FCL10-631
FCL10-631
FCL10-631
0.630
220
FCL10-751
FCL10-751
FCL10-751
FCL10-751
0.750
181
FCL10-801
FCL10-801
FCL10-801
FCL10-801
0.800
135
FCL10-102
FCL10-102
FCL10-102
FCL10-102
1.000
115
FCL10-132
FCL10-132
FCL10-132
FCL10-132
1.250
100
FCL10-152
FCL10-152
FCL10-152
FCL10-152
1.500
90
FCL10-162
FCL10-162
FCL10-162
FCL10-162
1.600
58
FCL10-202
FCL10-202
FCL10-202
FCL10-202
2.000
42
FCL10-252
FCL10-252
FCL10-252
FCL10-252
2.500
35
FCL10-302
FCL10-302
FCL10-302
FCL10-302
3.000
27
24
35
Rated current x200%
blow-out within 5
seconds.
- 55 ℃ ~ 125
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
circuit protection.
circuit protection.
circuit protection.
circuit protection.
to portable electronic device for
to portable electronic device for
to portable electronic device for
to portable electronic device for
Suitable
Suitable
Suitable
Suitable
fuse.
fuse.
fuse.
fuse.
blowing type chip
blowing type chip
blowing type chip
blowing type chip
-
--
-
instant
instant
instant
instant
By HDK original structure, this is
By HDK original structure, this is
By HDK original structure, this is
By HDK original structure, this is
excellent pulse characteristic.
excellent pulse characteristic.
excellent pulse characteristic.
excellent pulse characteristic.
By HDK original process, it has
By HDK original process, it has
By HDK original process, it has
By HDK original process, it has
is possible.
is possible.
is possible.
is possible.
minimizing of mounting area
minimizing of mounting area
minimizing of mounting area
minimizing of mounting area
size,
size,
size,
size,
1005
1005
1005
1005
Due to
Due to
Due to
Due to
No smoking, no fire occur when fused.
No smoking, no fire occur when fused.
No smoking, no fire occur when fused.
No smoking, no fire occur when fused.
product.
product.
product.
product.
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Flat Type Chip Fuse
201
201
201
201
-
--
-
10
10
10
10
FCL
FCL
FCL
FCL
Model No.
Size
Marking
Rating(A)
Symbol
Form
FCL10
1005
201
0.200
V
Paper tape
251
0.250
B
Bulk
321
0.315
351
0.350
381
0.375
401
0.400
501
0.500
631
0.630
751
0.750
801
0.800
102
1.000
132
1.250
152
1.500
162
1.600
202
2.000
252
2.500
302
3.000
①Model No.
②Rated Current
③Packing Form


Similar Part No. - FCL10-251V

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-251 HOKURIKU-FCL10-251 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
More results

Similar Description - FCL10-251V

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCL10-201 HOKURIKU-FCL10-201 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
E011404 HOKURIKU-E011404 Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
logo
Littelfuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
logo
HOKURIKU ELECTRIC INDUS...
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com