Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42R03-3251-150 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R03-3251-150
Description  IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R03-3251-150 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R03-3251-150 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
IEC 60320 C14 APPL. INLET; SOLDER
TERMINALS; SNAP-IN
42R03-3X5X-XXX
GQ
08/16/01
TD
09/20/01
PB
09/20/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A
Voltage rating: 250 VAC
Current rating: 15 A
Voltage rating: 250 VAC
D E
V
31.0±0.2
27.0
19.5
19
27.5
+0.2
PANEL CUTOUT
RECOMMENDED
24.0
20.0
+0.2
3X 4.0
6.0±0.5
3X 3.0x2.25
2.00±0.05
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
3.0
A
+0.2
4.0±0.1
24.0
+0.5
16.0
+0.5
4.00
14.0±0.2
D E
AVAILABLE ON REQUEST
ADDITIONAL PANEL THICKNESS
P/N
42R03-3X5X-250
42R03-3X5X-200
42R03-3X5X-150
2.5
2.0
1.5
A
MAX. PANEL THICKNESS
2.5
2.0
1.5
R4.0 TYP.
ORDERING CODE:
42R03-3 __ 5 __ - __ __ __
1
2
3
1) COLOR
1 = BLACK
2 = GRAY
2) ELECTRICAL CIRCUIT
CONFIGURATION
1 = 15A 250V 120°C
2+GROUND
2 = 15A 250V 70°C
2+GROUND
4 = 15A 250V 70°C
2 POLE
3) PANEL THICKNESS


Similar Part No. - 42R03-3251-150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R03-3111-150 POWERDYNAMICS-42R03-3111-150 Datasheet
48Kb / 1P
   10A/15A IEC 60320 APPL. OUTLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
More results

Similar Description - 42R03-3251-150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R03-6X2X POWERDYNAMICS-42R03-6X2X Datasheet
40Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-5X2X POWERDYNAMICS-42R03-5X2X Datasheet
38Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; BOTTOM FLANGE
42R03-2X2X POWERDYNAMICS-42R03-2X2X Datasheet
40Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; CROSS FLANGE
42R03-4X5X POWERDYNAMICS-42R03-4X5X Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-7X2X POWERDYNAMICS-42R03-7X2X Datasheet
38Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R03-8X2X POWERDYNAMICS-42R03-8X2X Datasheet
42Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
42R51-5128 POWERDYNAMICS-42R51-5128 Datasheet
34Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; SNAP-IN, SOLDER TERMINALS
42R35-3X2X-XXX POWERDYNAMICS-42R35-3X2X-XXX Datasheet
43Kb / 1P
   IEC 60320 COMBINATION FUSE HOLDER APPL. INLET, SOLDER TERMINALS; SNAP-IN
42R33-3X2X-XXX POWERDYNAMICS-42R33-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R01-4X2X POWERDYNAMICS-42R01-4X2X Datasheet
50Kb / 1P
   IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com