Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS-16103GE Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # CRS-16103GE
Description  Sulfurization-proof Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

CRS-16103GE Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  CRS-16103GE Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD CRS-16103GE Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
CRS**
CRS**
CRS**
CRS**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.25±0.10
0.25±0.10
0.25±0.10
0.25±0.10
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.35±0.05
0.35±0.05
0.35±0.05
0.35±0.05
(Unit: mm)
Model No.
L
W
t
c
d
CRS32
3.20 +0.10/-0.15
3.20 +0.10/-0.15
3.20 +0.10/-0.15
3.20 +0.10/-0.15
CRS16
1.60±0.15
1.60±0.15
1.60±0.15
1.60±0.15
0.80 +0.20/-0.10
0.80 +0.20/-0.10
0.80 +0.20/-0.10
0.80 +0.20/-0.10 0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.60±0.20
0.60±0.20
0.60±0.20
0.60±0.20
2.60 +0.10/-0.15
2.60 +0.10/-0.15
2.60 +0.10/-0.15
2.60 +0.10/-0.15 0.55 +0.15/-0.05
0.55 +0.15/-0.05
0.55 +0.15/-0.05
0.55 +0.15/-0.05
CRS10
1.00±0.05
1.00±0.05
1.00±0.05
1.00±0.05
0.50±0.05
0.50±0.05
0.50±0.05
0.50±0.05
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
CRS20
2.00 +0.20/-0.10
2.00 +0.20/-0.10
2.00 +0.20/-0.10
2.00 +0.20/-0.10
0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.50 +0.15/-0.05
0.45±0.20
0.45±0.20
0.45±0.20
0.45±0.20
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
0.65±0.20
0.65±0.20
0.65±0.20
0.65±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.60±0.20
0.60±0.20
0.60±0.20
0.60±0.20
CRS35
3.20 +0.10/-0.15
3.20 +0.10/-0.15
3.20 +0.10/-0.15
3.20 +0.10/-0.15
1.60 +0.10/-0.15
1.60 +0.10/-0.15
1.60 +0.10/-0.15
1.60 +0.10/-0.15 0.55 +0.15/-0.05
0.55 +0.15/-0.05
0.55 +0.15/-0.05
0.55 +0.15/-0.05
1.25 +0.20/-0.10
1.25 +0.20/-0.10
1.25 +0.20/-0.10
1.25 +0.20/-0.10
CRS50
5.00±0.15
5.00±0.15
5.00±0.15
5.00±0.15
2.50±0.15
2.50±0.15
2.50±0.15
2.50±0.15
TCR (ppm/℃)
0.56±0.15
0.56±0.15
0.56±0.15
0.56±0.15
Max.Working Voltage
0.70±0.25
0.70±0.25
0.70±0.25
0.70±0.25
100V
100V
100V
100V
CRS16
0.100
0.100
0.100
0.100
Model No.
Rated power (W)
Tolerance
Range (Ω)
CRS50
CRS32
0.250
0.250
0.250
0.250
Max.Overload Voltage
CRS10
0.063
0.063
0.063
0.063
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class F (±1%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class G (±2%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
Class J (±5%)
10~1M
10~1M
10~1M
10~1M
±250
±250
±250
±250
50V
50V
50V
50V
CRS20
0.125
0.125
0.125
0.125
0.500
0.500
0.500
0.500
150V
150V
150V
150V
200V
200V
200V
200V
200V
200V
200V
200V
400V
400V
400V
400V
CRS35
0.250
0.250
0.250
0.250
Sulfurization-proof Chip Resistor
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
provides
provides
provides
provides
Use of special protective material
Use of special protective material
Use of special protective material
Use of special protective material
excellent sulfurization characteristic.
excellent sulfurization characteristic.
excellent sulfurization characteristic.
excellent sulfurization characteristic.
are also available.
are also available.
are also available.
are also available.
Miniature size or Network types
Miniature size or Network types
Miniature size or Network types
Miniature size or Network types
solderings are applicable.
solderings are applicable.
solderings are applicable.
solderings are applicable.
Reflow, Flow
Reflow, Flow
Reflow, Flow
Reflow, Flow
thick film material utilized, it has excellent
thick film material utilized, it has excellent
thick film material utilized, it has excellent
thick film material utilized, it has excellent
glazed
glazed
glazed
glazed
-
--
-
metal
metal
metal
metal
Due to
Due to
Due to
Due to
heat resistance, weatherability.
heat resistance, weatherability.
heat resistance, weatherability.
heat resistance, weatherability.
■Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant product.
product.
product.
product.
103
103
103
103
-
--
-
16
16
16
16
CRS
CRS
CRS
CRS
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
CRS10
1005
103
10KΩ
±1.0%
V
Paper tape
CRS16
1608
G
±2.0%
Emboss tape
CRS20
2012
J
±5.0%
B
Bulk
CRS32
3216
CRS35
3225
CRS50
5025
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form
103=10×10
=10,000Ω=10KΩ


Similar Part No. - CRS-16103GE

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
logo
Laird Tech Smart Techno...
CRS-117 LSTD-CRS-117 Datasheet
136Kb / 2P
   2-component castable
logo
Power Systems GmbH+Co.K...
CRS-1205 POWER-SYSTEMS-CRS-1205 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CRS-1205M POWER-SYSTEMS-CRS-1205M Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CRS-1209 POWER-SYSTEMS-CRS-1209 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
More results

Similar Description - CRS-16103GE

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
CRS10 HOKURIKU-CRS10 Datasheet
267Kb / 2P
   Sulfurization-proof Chip Resistor
CRES06 HOKURIKU-CRES06 Datasheet
152Kb / 1P
   Sulfurization-proof Type Chip Resistor
CRES16-103JV HOKURIKU-CRES16-103JV Datasheet
164Kb / 1P
   Sulfurization-proof Type Chip Resistor
WCRES32-103JV HOKURIKU-WCRES32-103JV Datasheet
165Kb / 1P
   Sulfurization-proof Type Wide Terminal Chip Resistor
E011407 HOKURIKU-E011407_02 Datasheet
40Kb / 1P
   Sulfurization-proof Low Resistance Chip Resistors
logo
Bourns Electronic Solut...
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
   Chip Resistor
CRL2512 BOURNS-CRL2512 Datasheet
123Kb / 1P
   Chip resistor
CRL1206 BOURNS-CRL1206 Datasheet
124Kb / 1P
   Chip Resistor
CR0402-LF BOURNS-CR0402-LF Datasheet
292Kb / 2P
   Chip Resistor
CR0402 BOURNS-CR0402 Datasheet
172Kb / 3P
   Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com