Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-10-01B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TC-10-01B
Description  Through Hole Transformers Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC-10-01B Datasheet(HTML) 2 Page - Vishay Siliconix

  TC-10-01B Datasheet HTML 1Page - Vishay Siliconix TC-10-01B Datasheet HTML 2Page - Vishay Siliconix TC-10-01B Datasheet HTML 3Page - Vishay Siliconix TC-10-01B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
2
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Omit winding 4, 5, 6 and associated circuit to test TC-10-028.
• Omit winding 7, 8 and associated circuit to test TC-10-068.
(1) RC network may be required to suppress spurious oscillations. R = 100
, C = 0.001 μF.
(2) RC network may be required to suppress spurious oscillations.
(3) RC network may be required to suppress spurious oscillations. R = 10
, C = 0.004 μF.
TEST CIRCUITS
TEST CIRCUIT NUMBER 1
TEST CIRCUIT NUMBER 2
TEST CIRCUIT NUMBER 3
TEST CIRCUIT NUMBER 4
TEST CIRCUIT NUMBER 5
TEST CIRCUIT NUMBER 6
2N4400
4.7 μF
-
+
INPUT
2N4400
3.9 k
Ω
1
2
3
4
5
6
7
8
9
1N4148 (4)
10
Ω
10
Ω
1 k
Ω
- 7.2 V
3.3 μF
1 k
Ω
3.3 μF
+ 7.2 V
1N4148
470
Ω
470
Ω
1 k
Ω
0.1 μF
INPUT
2N4401
2N4401
10 μF
0.1 μF
1 k
Ω
0.003 μF
+ 200 V
1N4004
(4)
0.22 μF
RL
1N4150 (4)
- 15 V
+ 15 V
10 μF
RL
10 μF
RL
1
2
3
4
5
6
8
9
+
-
-
+
INPUT
1
2
3
4
5
6
7
8
9
1N4150 (4)
- 15 V
4 μF
RL
4 μF
+ 15 V
1N4150
RL
RS
RF
RF
4
1
2
3
5
6
7
8
9
10
1N4150 (4)
1N4004 (4)
- +
INPUT
RL
RL
RS
RF
Q
(1)
Q
2.2 μF
0.47 μF
D
7
8
9
D
C1
RL
1
2
3
4
5
6
Q
RS
RF
INPUT
+
-
Q
(2)
8
9
1
2
3
4
5
6
INPUT
+
-
2.2 k
Ω
180
Ω
2N2102
2N2102
1N4004 (4)
RL
0.2 μF
0.003 μF
(3)


Similar Part No. - TC-10-01B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
   AC Input Voltage: 90~264V
TC-101 ETC2-TC-101 Datasheet
98Kb / 1P
   LAMINATED TAPE
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
TC-1015005 PREMO-TC-1015005 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
logo
List of Unclassifed Man...
TC-102 ETC2-TC-102 Datasheet
98Kb / 1P
   LAMINATED TAPE
More results

Similar Description - TC-10-01B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TC VISHAY-TC Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
logo
Bel Fuse Inc.
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
   ADSL MAGNETICS Through Hole Transformers
logo
Pulse A Technitrol Comp...
PE-67200NL PULSE-PE-67200NL Datasheet
302Kb / 2P
   Through Hole Current Sense Transformers
logo
Vishay Siliconix
MTPL2516 VISHAY-MTPL2516 Datasheet
75Kb / 3P
   Versatile Through-Hole Planar Transformers
logo
Pulse A Technitrol Comp...
PE-67100NL PULSE-PE-67100NL Datasheet
59Kb / 1P
   THROUGH HOLE CURRENT SENSE TRANSFORMERS
logo
Bel Fuse Inc.
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
   Through Hole Transformers Trigger, SCR Isolation
Revision: 16-Dec-09
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
   Through-Hole Transformers Pulse, Trigger Type
Revision: 06-Dec-11
TA VISHAY-TA Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
TA-10-08 VISHAY-TA-10-08 Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com