Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTS2A102H31B2F Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # TTS2A102H31B2F
Description  NTC Thermistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TTS2A102H31B2F Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  TTS2A102H31B2F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION TTS2A102H31B2F Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Structure and Dimensions
Part No.
Dmax.
Amax.
d
L
TTS1
1.6
3.0
TTS2
2.5
4.0
0.25±0.02
40±2
Part No.
Dmax.
Amax.
d
L
I
TTS1
1.6
3.0
TTS2
2.5
4.0
0.23±0.02
80±4
4±1
C Type
E Type
D
A
L
I
d
Epoxy resin
Enameled Copper
Wire
Soldered
D
A
L
d
Epoxy resin
Silver Plated Copper Wire
Electrical Characteristics
Zero power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Safety
Approvals
Part No.
R25 (K
)
( ±%)
(K)
(±%)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
UL
TTS#B502^327*
5
25/50
3270
TTS#B502^347*
5
25/50
3470
TTS#B502^365*
5
25/50
3650
TTS#B502^395*
5
25/50
3950
TTS#B103^338*
10
25/50
3380
TTS#B103^347*
10
25/50
3470
TTS#B103^395*
10
25/50
3950
TTS#A103^34D
10
25/85
3435
TTS#A103^39H
10
25/85
3975
TTS#B203^395*
20
25/50
3950
TTS#A203^34D*
20
25/85
3435
TTS#A303^395*
30
25/85
3950
TTS#B473^395*
47
25/50
3950
TTS#B503^395*
50
25/50
3950
TTS#A503^34D*
50
25/85
3435
TTS#A833^40B*
83
25/85
4015
TTS#A104^34D*
100
25/85
3435
TTS#B104^410*
100
25/50
4100
TTS#A104^425*
100
25/85
4250
TTS#B474^439*
470
25/50
4390
TTS#A504^427*
500
25/85
4270
TTS#B504^430*
500
1,2,3,
5,10
25/50
4300
1,2,3
45
^1
^10
-40 ~ +100
Note 1: # = Body Size , ^ = Tolerance of R25 , * = Tolerance of B value
MERITEK
NTC Thermistors
TTS Series
Specifications are subject to change without notice.


Similar Part No. - TTS2A102H31B2F

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTS2B10313381 THINKING-TTS2B10313381 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313382 THINKING-TTS2B10313382 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313383 THINKING-TTS2B10313383 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313471 THINKING-TTS2B10313471 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS2B10313472 THINKING-TTS2B10313472 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results

Similar Description - TTS2A102H31B2F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com