Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E011203 Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part No. E011203
Description  Miniature Glazed Metal Film Fixed Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Homepage  http://www.hdk.co.jp/english/index_e.htm
Logo 

E011203 Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Outline, Features
This resistor (Model No. HGS) is miniature & lightweight type of High
Resistance Fixed Resistor (Model No. HMGL).
It is suitable for replacement of Miniature Metal Film Fixed Resistor
(Model No. RNM), Miniature Carbon Film Fixed Resistor (Model No. NAT),
requiring high resistance range of 100K
or more.
Ratings
Rated Voltage: Either Calculated Rated Voltage (= Rated Power Nominal Resistance) or Maximum Working Voltage, whichever is smaller.
Diemnsions & Shape
Derating Curve
J(5%tolerance)typehas4-colorband.
Bodycolor:Ivory
Model Designation
HGS
1/4
C3
1004
Miniature Glazed Metal Film Fixed Resistors
[
][
][
[
]
[ppm/
][
]
][
][
]
100k
1.0M
100
200
100
200
1.0
5.0
1.0
5.0
100k
2.2M
100k
1.0M
100k
10M
700
500
HGS1/4
Resistance
T.C.R.
+70
-55
+155
Rated
Power
Max. Working
Voltage
Max. Overload
Voltage
Range
Resistance
Tolerance
Operating
Temperature Range
Rated Ambient
Temperature
HGS1/2
250
350
0.25
0.5
HGS1/4
3.4max.
1.7
0.3
27min.
27min.
0.5
0.05
HGS1/2
6.4
0.8
2.3
0.4
0.6
0.1
Dimensions (mm)
Model No.
Symbol
Description
1/4
0.25W
1/2
0.5W
C3
100ppm/
C4
200ppm/
Resistance Designation
F
1.0%
J
5.0%
TU,TP
Axial Taping
For detail description about forming and taping
specification, please refer to Taping Specification
Page in "General Specifications"
Packaging
T.C.R.
Tolerance
For detail description about resistance marking,
please refer to "General Specificaqtions"
Resistance
Power Rating
MINIATURE PAINT INSULATED TYPE
GLAZED METAL FILM RESISTORS
HGS
Model No.
1
-55
0
70
155
100
50
0
ll
L
Ambient Temperature /
HOKURIKU
D
d
1004
105
F Class: 4-digit, E-96 series
J Class: 3-digit, E-24 series
Model No.
LD
l
d
Specifications are subject to change without notice.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn