Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E011203 Datasheet(PDF) 3 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part No. E011203
Description  Miniature Glazed Metal Film Fixed Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Homepage  http://www.hdk.co.jp/english/index_e.htm
Logo 

E011203 Datasheet(HTML) 3 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Model No. "HVL" is suitable for high voltage circuits.
Power Rating
Dimensions
Derating Curve
Marking: G(
2.0),J( 5.0) are 4 color code lines
Body color: :Brown
Model Designation
HVL 1/4
10M
F
TU
Model No.
Power
Rating
Max.
Working
Voltage
Resistance
Range
Tolerance
T .C.R.
Rating
Ambient
Temp.
Operating
Temp.
Range
W
V
ppm
D.C.1600
A.C.1150
D.C.3500
A.C.2500
+70
-55
+155
HVL1/2
0.50
HVL1/4
0.25
100k
50M
100k
100M
200
1.0
2.0
5.0
LD
l
d
HVL1/4
6.4
0.8
2.3
0.5
27min.
0.6
0.1
HVL1/2
9.5
1.0
3.5
1.0
38
3
0.65
0.1
Dimensions(mm)
Model No.
Symbol
Meaning
Model No.
HVL
HIGH VOLT AGE FIXED
GLAZED MET AL FILM
RESIST ORS
1/4
0.25W
1/2
0.5W
Standard Resistance
E-24,E-96 Series
F
1.0
G
2.0
J
5.0
No Marking
Bulk
T U,T P
Axial T aping
RP
Radial T aping
Power Rating
10M
Forming,
Packaging
Resistance
Tolerance
l
L
l
D
d
D/2
-55
0
70
155
0
50
100
Ambient Temp./
Rated Voltage: P R (P=Rated power (W), R=Nominal resistance(
)) Rated Voltage shall be either the calculated rated voltage
or Max. Working Voltage whichever less.
High Voltage Glazed Metal Film Fixed Resistors
For detail description about resistance marking,
please refer to "General Specifications."
For detail description about forming and taping
specification, please refer to Taping Specification
page in "General Specifications."
Specifications are subject to change without notice.
HOKURIKU
3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn