Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX3HGSMAT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX3HGSMAT
Description  Very high shock and vibration survival
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX3HGSMAT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX3HGSMAT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX3HGSM AT crystals in leadless ceramic packages are designed for
surface mounting on PCB or hybrid substrates. The small footprint,
low profile crystal has been designed for applications requiring high
shock and vibration survival.
FEATURES
Very high shock and vibration survival
Designed for surface mount applications, including
infrared, vapour phase or epoxy mount techniques
Hermetically sealed ceramic package
Excellent ageing characteristics
Available with glass or ceramic lid
Custom designs available
Full Military testing available
PACKAGING OPTIONS
CX3HGSM AT crystals are available either tray packed (<250pcs) or
tape and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
CX3HGSM AT CRYSTAL
Low Profile Miniature SMD Crystal
9.6MHz to 250MHz
HOW TO ORDER CX3HGSM AT CRYSTALS
CX3 -
S
-
HG1 - C -
SM1
-
32.0M
, 100 / 100 / - /
I
'S' if special,
custom design.
Otherwise leave
blank
HG1 = 10,000g
HG2 = 20,000g
Terminations
SM1 = Gold plated *
SM2 = Solder plated
SM3 = Solder dipped
SM4 = Solder plated *
SM5 = Solder dipped *
* = Lead free
Frequency
M = MHz
Calibration
Tolerance
@25°C
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Frequency
Stability over
Temp. Range
(in ppm)
CRYSTAL EQUIVALENT CIRCUIT
R1 Motional Resistance
L1 Motional Inductance
C1 Motional Capacitance
C0 Shunt Capacitance
SPECIFICATION
Fundamental Frequency:
10.0MHz
32.0MHz
155.52MHz
Motional Resistance R (Ω):
60
25
10
Motional Capacitance C1 (fF):
2.8
6.2
4.0
Quality Factor Q (k):
95
30
30
Shunt Capacitance C0 (pF):
1.4
2.3
2.3
Calibration Tolerance1:
±100ppm or tighter as required
Load Capacitance2:
20pF for fr. <50MHz
10pF for fr. >50MHz
Drive Level:
500µW max. for fr. <50MHz
200µW max. for fr. <50MHz
Temperature Stability3
Commercial -10 ~ +60°C:
±50ppm to ±10ppm
Industrial -40 to +85°C:
±100ppm to ±20ppm
Military -55 to +125°C:
±100ppm to ±30ppm
Ageing, first year4:
5ppm max.
Better than ±1ppm is available
Shock, survival5:
Up to 20,000g, 0.3ms, ½ sine
Vibration, survival6:
20g, 10~2000Hz swept sine
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55 to +125°C
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
1. Other tolerances available, contact Euroquartz sales.
2. Unless specified otherwise.
3. Does not include calibration tolerance. The characteristics of the
frequency stability over temperature follow that of the AT thickness-
shear mode.
4. 5ppm max. for frequencies below 40MHz For tighter tolerances
and higher frequencies contact Euroquartz sales.
5. Higher shock version available. See CX1HGSM
6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration
testing also available.
Dim. H
OUTLINE & DIMENSIONS
SM1
1.35
1.70
SM2
1.40
1.75
SM3
1.47
1.83
SM4
1.40
1.75
SM5
1.47
1.83
Glass
Lid
Ceramic
Lid
Blank = glass lid
C = ceramic lid


Similar Part No. - CX3HGSMAT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX3HGSM STATEK-CX3HGSM Datasheet
137Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
More results

Similar Description - CX3HGSMAT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
Richco, Inc.
SVF-1 RICHCO-SVF-1 Datasheet
75Kb / 1P
   SHOCK AND VIBRATION FOOT
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
   High shock & vibration resistance
logo
TEMEX
RSX-5 TEMEX-RSX-5 Datasheet
477Kb / 5P
   Excellent shock and vibration performance
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
   Durable to shock and vibration
logo
Golledge Electronics Lt...
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
   High shock & vibration resistance
logo
TEMEX
RSX-10 TEMEX-RSX-10 Datasheet
551Kb / 5P
   Excellent shock and vibration performance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com