Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD815-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD815-EB
Description  High Output Current Differential Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD815-EB Datasheet HTML 6Page - Analog Devices AD815-EB Datasheet HTML 7Page - Analog Devices AD815-EB Datasheet HTML 8Page - Analog Devices AD815-EB Datasheet HTML 9Page - Analog Devices AD815-EB Datasheet HTML 10Page - Analog Devices AD815-EB Datasheet HTML 11Page - Analog Devices AD815-EB Datasheet HTML 12Page - Analog Devices AD815-EB Datasheet HTML 13Page - Analog Devices AD815-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD815
REV. B
–10–
Choice of Feedback and Gain Resistors
The fine scale gain flatness will, to some extent, vary with
feedback resistance. It therefore is recommended that once
optimum resistor values have been determined, 1% tolerance
values should be used if it is desired to maintain flatness over
a wide range of production lots. Table I shows optimum values
for several useful configurations. These should be used as
starting point in any application.
Table I. Resistor Values
RF ( )RG ( )
G =
+1
562
–1
499
499
+2
499
499
+5
499
125
+10
1 k
110
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
As to be expected for a wideband amplifier, PC board parasitics
can affect the overall closed-loop performance. Of concern are
stray capacitances at the output and the inverting input nodes. If
a ground plane is to be used on the same side of the board as
the signal traces, a space (5 mm min) should be left around the
signal lines to minimize coupling.
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when optimizing
the performance of a high frequency circuit. Inductance in the
power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1
µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of
10.0
µF and 0.1 µF is recommended. Under some low frequency
applications, a bypass capacitance of greater than 10
µF may be
necessary. Due to the large load currents delivered by the
AD815, special consideration must be given to careful bypassing.
The ground returns on both supply bypass capacitors as well as
signal common must be “star” connected as shown in Figure 41.
RF
RG
(OPTIONAL)
RF
+VS
+OUT
–OUT
–VS
+IN
–IN
Figure 41. Signal Ground Connected in “Star”
Configuration
1V
20ns
SIDE B
SIDE A
G = –1
RF = 562
RL = 100
Figure 39. 4 V Step Response, G = –1
THEORY OF OPERATION
The AD815 is a dual current feedback amplifier with high
(500 mA) output current capability. Being a current feedback
amplifier, the AD815’s open-loop behavior is expressed
as transimpedance,
∆V
O/
∆I
–IN , or TZ. The open-loop
transimpedance behaves just as the open-loop voltage gain
of a voltage feedback amplifier, that is, it has a large dc value
and decreases at roughly 6 dB/octave in frequency.
Since RIN is proportional to 1/gM, the equivalent voltage gain is
just TZ
× g
M, where the gM in question is the transconductance
of the input stage. Using this amplifier as a follower with gain,
Figure 40, basic analysis yields the following result:
V
O
V
IN
= G ×
T
Z S
()
T
Z S
()+G × R
IN + RF
where:
G
R
R
F
G
=+
1
RIN = 1/gM
≈ 25 Ω
RIN
VIN
RF
VOUT
RG
RN
Figure 40. Current Feedback Amplifier Operation
Recognizing that G
× R
IN << RF for low gains, it can be seen to
the first order that bandwidth for this amplifier is independent
of gain (G).
Considering that additional poles contribute excess phase at
high frequencies, there is a minimum feedback resistance below
which peaking or oscillation may result. This fact is used to
determine the optimum feedback resistance, RF. In practice
parasitic capacitance at the inverting input terminal will also add
phase in the feedback loop, so picking an optimum value for RF
can be difficult.
Achieving and maintaining gain flatness of better than 0.1 dB at
frequencies above 10 MHz requires careful consideration of
several issues.


Similar Part No. - AD815-EB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD815 ETC1-AD815 Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD815 AD-AD815 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
More results

Similar Description - AD815-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com