Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1H Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # CX1H
Description  Frequency Range 10kHz to 600kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX1H Datasheet(HTML) 2 Page - EUROQUARTZ limited

  CX1H Datasheet HTML 1Page - EUROQUARTZ limited CX1H Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
CRYSTAL EQUIVALENT CIRCUIT
R1 Motional Resistance
L1 Motional Inductance
C1 Motional Capacitance
C0 Shunt Capacitance
CONVENTIONAL SERIES OSCILLATOR CIRCUIT
FIGURE 1
CX1H Typical Motional Resistance R1
FIGURE 2
CX1H Typical Motional Capacitance C1
FIGURE 3
CX1H Typical Quality Factor (Q)
FIGURE 4
CX1H Typical Turning Point Temperature (To)
Note: Frequency f at temperature T is related to frequency F0 at
turning point temperature To by:
f-fo
fo
=k(T-To)2
Turning Point Temperature
CX1H CRYSTAL
Miniature Crystal for Series Oscillators
10kHz to 600kHz
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package. Normal
handling and soldering precautions for small, low thermal mass parts
are adequate when installing or testing CX crystals. CX crystals may
be wave soldered with proper precaution taken to avoid desoldering
the leads. A slow machine rate or too high a pre-heat temperature or
solder bath temperature may damage the crystals. Lead to package
solder interface temperature should not exceed 175°C, glass lid
to package seal rim temperature should not exceed 210°C. If
the seal rim reaches temperatures above the maximum specified, the
package may lose its hermeticity. Loss of hermeticity results in a
frequency decrease and motional resistance increase.


Similar Part No. - CX1H

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX1H STATEK-CX1H Datasheet
165Kb / 2P
   Miniature Quartz Crystal for Series Oscillators
logo
IQD Frequency Products ...
CX1H-TF IQD-CX1H-TF Datasheet
229Kb / 3P
   Quartz Crystal Specification
logo
RSG Electronic Componen...
CX1HCSM1 RSG-CX1HCSM1 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM2 RSG-CX1HCSM2 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1HCSM3 RSG-CX1HCSM3 Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

Similar Description - CX1H

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
CX3HSM EUROQUARTZ-CX3HSM Datasheet
298Kb / 2P
   Frequency Range 18kHz to 600kHz
CX3VSM EUROQUARTZ-CX3VSM Datasheet
301Kb / 2P
   Frequency Range 18kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
   Frequency Range 16kHz to 600kHz
CX6VSM EUROQUARTZ-CX6VSM Datasheet
295Kb / 2P
   Frequency Range 18kHz to 600kHz
logo
Maxim Integrated Produc...
MAX15026BEVKIT MAXIM-MAX15026BEVKIT Datasheet
236Kb / 10P
   600kHz Switching Frequency
Rev 0; 6/08
logo
Pulse A Technitrol Comp...
PE-67050 PULSE-PE-67050 Datasheet
53Kb / 1P
   Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com