Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB054Q096T80N3-BP Datasheet(PDF) 5 Page - Vicor Corporation

Part # IB054Q096T80N3-BP
Description  5:1 Intermediate Bus Converter Module: Up to 850 W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q096T80N3-BP Datasheet(HTML) 5 Page - Vicor Corporation

  IB054Q096T80N3-BP Datasheet HTML 1Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 2Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 3Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 4Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 5Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 6Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 7Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 8Page - Vicor Corporation IB054Q096T80N3-BP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IBC MODULE
Rev 1.2
vicorpower.com
Page 5 of 15
1/2013
800 735.6200
IB0xxQ096T80xx-xx
SPECIFICATIONS (CONT.)
All specifications valid at 48 VIN , 100% rated load and 25 °C ambient, unless otherwise indicated.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
OUTPUT CONT.
Line regulation (K factor)
VOUT = K • VIN @ no load
0.198
0.200
0.2020
Current share accuracy
Full power operation; See Parallel Operation
10
%
on page 11; up to 3 units
Efficiency
50% load
See Figure 1
97.8
98.1
%
Full load
See Figure 1
97.0
97.4
%
Internal output inductance
1.6
nH
Internal output capacitance
92.4
μF
Load capacitance
0
4500
μF
Output voltage ripple
20 MHz bandwidth, using test circuit in
60
150
mVp-p
Figure 23
Of Iout max., will not shutdown when started
Output Overload protection threshold
into max Cout; and 15% load
105
150
%
Auto restart with duty cycle <10%
Over current protection time constant
1.2
ms
Short circuit current response time
1.5
µs
Switching frequency
1.0
MHz
Transient Response
Voltage overshoot
25% load step; See Figures 11-14,
100
mV
using test circuit in Figure 24
Response time
See Figures 11-14, using test circuit in Figure 24
1
µs
VIN step
5 V step in 1
μSwithinVinoperatingrange
1.25
V
Pre-bias voltage
Unit will start up
0
12
Vdc
into pre-bias voltage on output
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MTBF
Calculated per Telcordia SR-332, 40 °C
1.0
Mhrs
Service life
Calculated at 30 °C
7
Years
Over temperature shut down
TJ; Converter will reset when over
125
130
135
°C
temperature condition is removed
Insulation resistance
Input to output
30
M
Ω
Mechanical
Weight
Baseplate version
2.25/63.9
oz/g
Length
2.30/ 58.4
in / mm
Width
1.45/ 36.8
in / mm
Height above customer board
Open frame version
0.42/ 10.6
in / mm
Clearance to customer board
From lowest component on IBC
0.07/ 1.7
in / mm
UL / CSA 60950-1
cURus
Agency approvals
UL / CSA 60950-1, EN60950-1
cTUVus
Low voltage directive (2006/95/EC)
CE
Altitude, operating
Derate operating temp 1 °C
-500
10,000
Feet
per 1,000 feet above sea level
Relative humidity, Operating
Non condensing
10
90
%
RoHS compliance
Compatible with RoHS directive 2002 / 95 / EC
General Characteristics
Conditions: 25 °C case, 75% rated load and specified input voltage range unless otherwise specified.
Electrical Characteristics (Continued)


Similar Part No. - IB054Q096T80N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N1-BP VICOR-IB054Q096T64N1-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N2-00 VICOR-IB054Q096T64N2-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N2-BP VICOR-IB054Q096T64N2-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N3-00 VICOR-IB054Q096T64N3-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
More results

Similar Description - IB054Q096T80N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com