Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2B102H30D1R Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # TSM2B102H30D1R
Description  NTC Thermistors SMD Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TSM2B102H30D1R Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  TSM2B102H30D1R Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TSM2B102H30D1R Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TSM2B102H30D1R Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25(K )
( ±%)
(K)
(±%)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
UL
TSM2A102^320*
1
3200
TSM2A472^34D*
4.7
3435
TSM2A502^34D*
5
3435
TSM2A682^34D*
6.8
3435
TSM2A103^34D*
10
3435
TSM2A103^380*
10
3800
TSM2A103^39H*
10
3975
TSM2A153^395*
15
3950
TSM2A203^395*
20
3950
TSM2A223^380*
22
3800
TSM2A223^39H*
22
3975
TSM2A303^39H*
30
3975
TSM2A473^39H*
47
3975
TSM2A503^39H*
50
3975
TSM2A683^39H*
68
3975
1 2 3
240
Approx
3.2
Approx
5.4
-40~+125
TSM2A104^405*
100
4050
TSM2A204^410*
200
4100
TSM2A224^410*
220
1 2 3
5 10
25/85
4100
1 2 3
240
Approx
3.2
Approx
5.4
-40~+125
TSM3A472^34D*
4.7
3435
TSM3A502^34D*
5
3435
TSM3A103^34D*
10
3435
TSM3A103^39H*
10
3975
TSM3A223^39H*
22
3975
TSM3A473^39H*
47
3975
TSM3A503^39H*
50
3975
TSM3A683^39H*
68
3975
TSM3A104^405*
100
4050
TSM3A204^410*
200
4100
TSM3A224^410*
220
4100
TSM3A474^425*
470
1 2 3
5 10
25/85
4250
1 2 3
320
Approx
3.2
Approx
6.7
-40~+125
Note 1: ^ = Tolerance of R25
Note 2: * = Tolerance of B value
*Special specification are available upon request
MERITEK
NTC Thermistors
TSM Series
SMD Thermistors


Similar Part No. - TSM2B102H30D1R

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM200 SPSEMI-TSM200 Datasheet
826Kb / 2P
   Surface Mount Devices
logo
Taiwan Semiconductor Co...
TSM200N03D TSC-TSM200N03D Datasheet
513Kb / 6P
   Dual N-Channel MOSFET
TSM200N03DPQ33RGG TSC-TSM200N03DPQ33RGG Datasheet
513Kb / 6P
   Dual N-Channel MOSFET
TSM20N50 TSC-TSM20N50 Datasheet
412Kb / 10P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results

Similar Description - TSM2B102H30D1R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com