Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB048Q096T70P1-BP Datasheet(PDF) 5 Page - Vicor Corporation

Part # IB048Q096T70P1-BP
Description  5:1 Intermediate Bus Converter Module: Up to 750 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q096T70P1-BP Datasheet(HTML) 5 Page - Vicor Corporation

  IB048Q096T70P1-BP Datasheet HTML 1Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 2Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 3Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 4Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 5Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 6Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 7Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 8Page - Vicor Corporation IB048Q096T70P1-BP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IBC MODULE
Rev 1.8
vicorpower.com
Page 5 of 14
11/2012
800 735.6200
IB048Q096T70N1-00
Efficiency TAMB 25 °C
Iout (A)
38 V
48 V
55 V
V :
IN
94%
95%
96%
97%
98%
99%
0
14
28
42
56
70
Efficiency TAMB 55 °C
Iout (A)
38 V
48 V
55 V
V :
IN
94%
95%
96%
97%
98%
99%
94%
95%
96%
97%
98%
99%
0
14
28
42
56
70
Efficiency TAMB 70 °C
Iout (A)
38 V
48 V
55 V
V :
IN
94%
95%
96%
97%
98%
99%
94%
95%
96%
97%
98%
99%
0
14
28
42
56
70
Figure 1 — Efficiency vs. output current, 25 °C ambient
Figure 2 — Efficiency vs. output current, 55 °C ambient
Figure 3 — Efficiency vs. output current, 70 °C ambient
Figure 4 — Inrush current at high line 15% load; 5 A/div,
Max load capacitance
Figure 5 — Input reflected ripple current at nominal line, full load.
See Fig 22 for setup.
Figure 6 — Turn on delay time;
VIN turn on delay at nominal line, 15% load
SPECIFICATIONS (CONT.)
WAVEFORMS


Similar Part No. - IB048Q096T70P1-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T70P1-BP VICOR-IB048Q096T70P1-BP Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
More results

Similar Description - IB048Q096T70P1-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB0XXQ096T80XX-XX VICOR-IB0XXQ096T80XX-XX Datasheet
1Mb / 15P
   5:1 Intermediate Bus Converter Module: Up to 850 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com